Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8745B-21 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # 8745B-21
Description  Differential CLK
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

8745B-21 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button 8745B-21 Datasheet HTML 9Page - Integrated Device Technology 8745B-21 Datasheet HTML 10Page - Integrated Device Technology 8745B-21 Datasheet HTML 11Page - Integrated Device Technology 8745B-21 Datasheet HTML 12Page - Integrated Device Technology 8745B-21 Datasheet HTML 13Page - Integrated Device Technology 8745B-21 Datasheet HTML 14Page - Integrated Device Technology 8745B-21 Datasheet HTML 15Page - Integrated Device Technology 8745B-21 Datasheet HTML 16Page - Integrated Device Technology 8745B-21 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
1:1 DIFFERENTIAL-TO-LVDS ZERO DELAY CLOCK GENERATOR
13
Rev D 2/17/15
8745B-21 DATA SHEET
Schematic Example
The schematic of the 8745B-21 layout example is shown in Figure
5A. The 8745B-21 recommended PCB board layout for this example
is shown in Figure 5B. This layout example is used as a general
guideline. The layout in the actual system will depend on the selected
component types, the density of the components, the density of the
traces, and the stack up of the P.C. board.
Figure 5A. 8745B-21 LVDS Zero Delay Buffer Schematic Example
SEL2
PLL_SEL
RD6
SP
RD4
SP
R4
100
VDD
RU3
1K
SP = Space (i.e. not intstalled)
SEL0
SEL3
RU4
1K
SEL[3:0] = 0101,
Divide by 2
R8
50
RD7
1K
(77.76 MHz)
VDDO
VDD
C1
0.1uF
Bypass capacitors located
near the power pins
RU5
SP
C16
10u
SEL3
VDDO
(U1-7)
Zo = 50 Ohm
VDDA
3.3V PECL Driver
SEL1
R9
50
VDD=3.3V
VDDO
R10
50
SEL0
Zo = 50 Ohm
RD5
1K
C11
0.01u
(U1-11)
C4
0.1uF
SEL2
(155.52 MHz)
LVDS_input
+
-
Zo = 100 Ohm Differential
R2
100
SEL1
RU7
SP
C2
0.1uF
R7
10
PLL_SEL
U1
ICS8745B-21
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
20
19
18
17
CLK
nCLK
MR
nFB_IN
FB_IN
SEL2
VDDO
nQFB
QFB
GND
VDDO
nQ
Q
GND
SEL3
VDDA
SEL1
SEL0
VDDI
PLL_SEL
RD3
SP
VDD
VDDO=3.3V
RU6
1K
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com