Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4533CSP Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4533CSP
Description  Quad, Rail-to-Rail, Fault-Protected, SPDT Analog Switch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4533CSP Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4533CSP Datasheet HTML 1Page - Maxim Integrated Products MAX4533CSP Datasheet HTML 2Page - Maxim Integrated Products MAX4533CSP Datasheet HTML 3Page - Maxim Integrated Products MAX4533CSP Datasheet HTML 4Page - Maxim Integrated Products MAX4533CSP Datasheet HTML 5Page - Maxim Integrated Products MAX4533CSP Datasheet HTML 6Page - Maxim Integrated Products MAX4533CSP Datasheet HTML 7Page - Maxim Integrated Products MAX4533CSP Datasheet HTML 8Page - Maxim Integrated Products MAX4533CSP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Quad, Rail-to-Rail, Fault-Protected,
SPDT Analog Switch
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(V+ = +15V, V- = -15V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.) (Note 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to GND
V+ ........................................................................-0.3V to +44.0V
V- .........................................................................-44.0V to +0.3V
V+ to V-................................................................-0.3V to +44.0V
COM_, IN_ (Note 1) ............................. (V- - 0.3V) to (V+ + 0.3V)
NC_, NO_ (Note 2)..................................(V+ - 40V) to (V- + 40V)
NC_, NO_ to COM_ .................................................-40V to +40V
NC_, NO_ Overvoltage with Switch Power On
(supplies at ±15V) ................................................-30V to +30V
NC_, NO_ Overvoltage with Switch Power Off ........-40V to +40V
Continuous Current into Any Terminal..............................±30mA
Peak Current into Any Terminal
(pulsed at 1ms,10% duty cycle)....................................±50mA
Continuous Power Dissipation (TA = +70°C)
SSOP (derate 10.53mW/°C above +70°C) ...................842mW
Wide SO (derate 10.00mW/°C above +70°C).............. 800mW
Plastic DIP (derate 11.11mW/°C above +70°C) ...........889mW
CERDIP (derate 11.11mW/°C above +70°C) ................889mW
Operating Temperature Ranges
MAX4533C_ _ ......................................................0°C to +70°C
MAX4533E_ _ ...................................................-40°C to +85°C
MAX4533M_ _.................................................-55°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
VNO_ or VNC_ = ±10V,
ICOM_ = 1mA
V+ = +15V, V- = -15V,
VNO_ or VNC_ = ±15V
VCOM_ = +5V, 0, -5V,
ICOM_ = 1mA
VNO_ or VNC_ = ±14V,
VCOM_ =
14V
CONDITIONS
Ω
125
175
RON
COM_ to NO_ or COM_ to NC_
On-Resistance
V
V-
V+
VNO_, VNC_
Fault-Free Analog Signal Range
(Note 2)
-200
200
250
Ω
4
On-Resistance Flatness
nA
-0.5
0.02
0.5
INO_(OFF),
INC_(OFF)
NO_ or NC_ Off-Leakage
Current (Note 5)
-10
10
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
+25°C
C, E, M
M
M
+25°C
+25°C
C, E
TA
C, E
200
+25°C
VNO_ or VNC_ = ±10V,
ICOM_ = 1mA
M
C, E
10
Ω
16
∆RON
COM_ to NO_ or COM_ to NC_
On-Resistance Match Between
Channels (Note 4)
15
M
VCOM_ = ±14V,
VNO_ or VNC_= ±14V or floating
+25°C
C, E
-400
400
nA
-0.5
0.01
0.5
ICOM_(ON)
COM_ On-Leakage Current
(Note 5)
-20
20
+25°C
-25
+25
Applies with power on
VNO_, VNC_
V
Fault-Protected Analog Signal
Range (Note 2)
M
VNO_ or VNC_ = ±25V,
no connection to “ON” channel
+25°C
C, E
-10
10
-10
10
-200
200
ICOM_
nA
COM_ Output Leakage Current,
Supplies On
M
VNO_ or VNC_ = ±25V,
VCOM_ =
10V
+25°C
C, E
-10
10
-20
20
INO_, INC_
-200
200
µA
nA
NO_ or NC_ Off Input Leakage
Current, Supplies On
Applies with power off
+25°C
-40
+40
µA
ANALOG SWITCH
FAULT
Note 1: COM_ and IN_ pins are not fault protected. Signals on COM_ or IN_ exceeding V+ or V- are clamped by internal diodes.
Limit forward diode current to maximum current rating.
Note 2: NC_ and NO_ pins are fault protected. Signals on NC_ or NO_ exceeding -25V to +25V may damage the device. These
limits apply with power applied to V+ or V-. The limit is ±40V with V+ = V- = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com