Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4530C/D Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4530C/D
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530C/D Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4530C/D Datasheet HTML 2Page - Maxim Integrated Products MAX4530C/D Datasheet HTML 3Page - Maxim Integrated Products MAX4530C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4530C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4530C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4530C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4530C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4530C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4530C/D Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
6
_______________________________________________________________________________________
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = RON(max) - RON(min).
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal ranges, i.e., VNO = 3V to 0V and 0V to -3V.
Note 6: Leakage parameters are 100% tested at maximum rated hot operating temperature, and guaranteed by correlation at
TA = +25°C.
Note 7: Worst-case isolation is on channel 4 because of its proximity to the COM pin. Off isolation = 20log VCOM / VNO,
VCOM = output, VNO = input to off switch.
Note 8: Leakage testing at single supply is guaranteed by correlation testing with dual supplies.
ELECTRICAL CHARACTERISTICS—Single +3V Supply
(V+ = +2.7V to 3.6V, V- = 0V, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.5V, TA = TMIN to TMAX, unless
otherwise noted.)
Ω
600
RON
On-Resistance
INO = 1mA, VCOM = 1.5V,
V+ = 2.7V
TA = TMIN to TMAX
ns
150
350
tTRANS
ns
100
tS
ns
Transition Time (Note 3)
Figure 1, VIN = 2.4V,
VNO1 = 1.5V, VNO8 = 0V
TA = +25°C
Set-Up Time, Channel
Select to Latch Enable)
CONDITIONS
60
150
tOFF(EN)
ns
150
350
TA = +25°C
tON(EN)
Enable Turn-On Time
(Note 3)
Figure 3, VINH = 2.4V,
VINL = 0V, VNO1 = 1.5V
TA = +25°C
Note 3
ns
0
tH
TA = +25°C
Hold Time, Latch Enable to
Channel Select
Note 3
Enable Turn-Off Time
(Note 3)
ns
120
tMPW
Pulse Width, Latch Enable
220
500
V
0V+
VANALOG
Analog Signal Range
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
Figure 3, VINH = 2.4V,
VINL = 0V, VNO1 = 1.5V
Note 3
TA = +25°C
(Note 3)
TA = +25°C
SWITCH
DYNAMIC
TA = +25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com