Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4530EAP Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX4530EAP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530EAP Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX4530EAP Datasheet HTML 8Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 9Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 10Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 11Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 12Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 13Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 14Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 15Page - Maxim Integrated Products MAX4530EAP Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
______________________________________________________________________________________
13
Figure 4. Charge Injection
_________________________________Test Circuits/Timing Diagrams (continued)
V-
COM
V-
V+
GND
ADDC
ADDB
ADDA
EN1
50
Ω
CL = 1000pF
V+
CHANNEL
SELECT
V+
VNO = 0V
VOUT
MAX4530
MAX4531
MAX4532
NO_
EN2
V- = 0V FOR SINGLE-SUPPLY OPERATION.
REPEAT TEST FOR EACH SECTION.
VEN1
∆VOUT
VOUT
VEN1
V+
0V
∆VOUT IS THE MEASURED VOLTAGE DUE TO CHARGE-TRANSFER
ERROR Q WHEN THE CHANNEL TURNS OFF.
Q =
∆VOUT x CL
LE
Figure 5. Off Isolation, On Loss, and Crosstalk
V-
COM_
ADDC
ADDB
ADDA
EN2
V+
V+
CHANNEL
SELECT
V+
MAX4530
MAX4531
MAX4532
EN1
NO_
V-
GND
MEASUREMENTS ARE STANDARDIZED AGAINST SHORT AT SOCKET TERMINALS.
OFF ISOLATION IS MEASURED BETWEEN COM_ AND OFF NO_ TERMINAL ON EACH SWITCH.
ON LOSS IS MEASURED BETWEEN COM_ AND ON TERMINAL ON EACH SWITCH.
CROSSTALK (MAX4531/MAX4532 IS MEASURED FROM ONE CHANNEL (A, B, C) TO ALL OTHER CHANNELS.
SIGNAL DIRECTION THROUGH SWITCH IS REVERSED; WORST VALUES ARE RECORDED.
VOUT
VIN
MEASUREMENT
REF
50
Ω
50
Ω
50
Ω
50
Ω
10nF
NETWORK
ANALYZER
OFF ISOLATION = 20log
VOUT
VIN
ON LOSS = 20log
VOUT
VIN
CROSSTALK = 20log
VOUT
VIN
LE
V-
COM
V-
GND
ADDC
ADDB
ADDA
EN2
V+
V+
CHANNEL
SELECT
V+
MAX4530
MAX4531
MAX4532
EN1
NO_
NO_
1MHz
CAPACITANCE
ANALYZER
LE
Figure 6. NO/COM Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com