Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4530EPP Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4530EPP
Description  Low-Voltage, CMOS Analog Multiplexers/Switches with Enable Inputs and Address Latching
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4530EPP Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4530EPP Datasheet HTML 1Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 2Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 3Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 4Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 5Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 6Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 7Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 8Page - Maxim Integrated Products MAX4530EPP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
250
Low-Voltage, CMOS Analog Multiplexers/Switches
with Enable Inputs and Address Latching
_______________________________________________________________________________________
5
ELECTRICAL CHARACTERISTICS—Single +5V Supply (continued)
(V+ = +5V ±10%, V- = 0V, GND = 0V, VADD_H = VEN_H = VLE = 2.4V, VADD_L = VEN_L = 0.8V, TA = TMIN to TMAX, unless
otherwise noted.)
CONDITIONS
V
0.8
1.5
VADD_L,
VEN_L, VLE
Logic-Low Threshold
TA = TMIN to TMAX
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
V
1.5
2.4
VADD_H,
VEN_H, VLE
Logic-High Threshold
TA = TMIN to TMAX
µA
-1.0
1.0
I+
Positive Supply Current
VEN_ = VADD = VLE = 0V, V+;
V+ = 5.5V; V- = 0V
µA
-0.1
0.1
IADD_H,
IEN_H, ILE
Input Current with
Input Voltage High
VH = 2.4V, VL = 0.8V
µA
-0.1
0.1
IADD_L,
IEN_L, ILE
Input Current with
Input Voltage Low
VH = 2.4V, VL = 0.8V
V
2.0
12
Power-Supply Range
µA
-1.0
1.0
I-
Negative Supply
Current
VEN_ = VADD = VLE = 0V, V+;
V+ = 5.5V; V- = 0V
VEN_ = VADD = VLE = 0V, V+;
V+ = 5.5V; V- = 0V
-1.0
1.0
IGND
IGND Supply Current
TA = +25°C
TA = TMIN to TMAX
-10
10
µA
ns
90
200
TA = +25°C
Figure 3 (Note 3)
ns
10
20
tBBM
Break-Before-Make
Interval
TA = +25°C
250
Figure 2
ns
100
200
tON(EN)
Enable Turn-On Time
(Note 3)
TA = +25°C
125
Figure 3
ns
40
100
tOFF(EN)
Enable Turn-Off Time
(Note 3)
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
60
Figure 7
ns
50
tS
Set-Up Time, Channel
Select to Latch Enable
TA = +25°C
TA = TMIN to TMAX
0
Figure 7
ns
0
tH
Hold Time, Latch Enable
to Channel Select
TA = +25°C
TA = TMIN to TMAX
70
Figure 7
ns
60
tMPW
Pulse Width, Latch
Enable
TA = +25°C
TA = TMIN to TMAX
1.5
5
Figure 7, CL = 1nF, VNO = 0V
pC
Q
Charge Injection
(Note 3)
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = TMIN to TMAX
-10
10
-10
10
Figure 1, VNO = 3V
250
tTRANS
Transition Time
TA = TMIN to TMAX
DIGITAL LOGIC INPUT
SUPPLY
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com