Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB649 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB649
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB649 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB649_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB649_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB649_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB649_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SB649 2SB649A
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2SB649
-120
V(BR)CEO
Collector-emitter
breakdown voltage
2SB649A
IC=-10mA; RBE=∞
-160
V
2SB649
-180
V(BR)CBO
Collector-base
breakdown voltage
2SB649A
IC=-1m A ;IE=0
-180
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1mA ;IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-0.5A ;IB=-50mA
-1.0
V
VBE
Base-emitter voltage
IC=-150mA ; VCE=5V
-1.5
V
ICBO
Collector cut-off current
VCB=-160V; IE=0
-10
μA
2SB649
60
320
hFE-1
DC current gain
2SB649A
IC=-150mA ; VCE=-5V
60
200
hFE-2
DC current gain
IC=-0.5A ; VCE=-5V
30
fT
Transition frequency
IC=-150mA ; VCE=-5V
140
MHz
COB
Collector output capacitance
f=1MHz ; VCB=-10V
27
pF
hFE Classifications
hFE-1
B
C
D
2SB649
60-120
100-200
160-320
2SB649A
60-120
100-200



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com