Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4558EEE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4558EEE
Description  짹15kV ESD-Protected, Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4558EEE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4558EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4558EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
±15kV ESD-Protected, Low-Voltage, CMOS
Analog Multiplexers/Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Dual ±5V Supplies (continued)
(VCC = +4.5V to +5.5V, VEE = -4.5V to -5.5V, V_H = +2.4V, V_L = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values
are at TA = +25°C.)
V
0.8
VA_, VB_,
VC_, VEN
Input Logic High
2.4
CONDITIONS
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA
C, E
C, E
VA_, VB_,
VC_, VEN
Input Logic Low
V
VA, VB, VC, VEN = VCC or 0
µA
VA_, VB_,
VC_, VEN
Input Current Logic
High or Low
-1
1
C, E
VCC, VEE
±2
±6
VCC = 5.5V; VEE = -5.5V;
VA, VB, VC, VEN = 0 or VCC
µA
ICC
Supply Current,
VCC or VEE
Power-Supply Range
-1
1
+25°C
V
C, E
90
150
VX, VY, VZ = 0; RS = 0; CL = 1nF;
Figure 3
pC
Q
Charge Injection
2.4
+25°C
VX_, VY_, VZ_ = 0; f = 1MHz;
Figure 5
pF
CX_(OFF),
CY_(OFF),
CZ_(OFF)
VX_, VY_, VZ_ Off-Capacitance
2.5
6
10
+25°C
+25°C
VX, VY, VZ = GND; f = 1MHz;
Figure 5
pF
CX(OFF),
CY(OFF),
CZ(OFF)
VX, VY, VZ Off-Capacitance
4
+25°C
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 1
175
tON
Turn-On Time
ns
C, E
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 1
150
tOFF
Turn-Off Time
ns
C, E
55
120
+25°C
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 1
175
tTRANS
Address Transition Time
ns
C, E
VX_, VY_, VZ_ = 3V; RL = 300Ω; CL = 35pF;
Figure 2
415
tOPEN
Break-Before-Make Delay
ns
90
150
+25°C
+25°C
MAX4558
MAX4559
MAX4560
11
15
VX_, VY_, VZ_ = GND;
f = 1MHz; Figure 5
pF
CON
Switch On-Capacitance
9
+25°C
MAX4559
MAX4558
MAX4560
C, E
-10
10
DIGITAL I/O
POWER SUPPLY
SWITCH DYNAMIC CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com