Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SB686 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SB686
Description  Silicon PNP Power Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SB686 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SB686_15 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB686_15 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB686_15 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SB686_15 Datasheet HTML 4Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
JMnic
Product Specification
2
Silicon PNP Power Transistors
2SB686
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-50mA ,IB=0
-100
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-10mA ,IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-4A; IB=-0.4A
-2.0
V
VBE
Base-emitter voltage
IC=-4A ; VCE=-5V
-1.5
V
ICBO
Collector cut-off current
VCB=-100V; IE=0
-10
μA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-10
μA
hFE
DC current gain
IC=-1A ; VCE=-5V
55
160
fT
Transition frequency
IC=-1A ; VCE=-5V
10
MHz
Cob
Collector output capacitance
IE=0 ; VCB=-10V ;f=1MHz
270
pF
hFE Classifications
R
O
55-110
80-160



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com