Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4552C/D Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX4552C/D
Description  짹15kV ESD-Protected, Quad, Low-Voltage, SPST Analog Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4552C/D Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX4552C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4552C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4552C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4552C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4552C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4552C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4552C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4552C/D Datasheet HTML 13Page - Maxim Integrated Products MAX4552C/D Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
±15kV ESD-Protected, Quad,
Low-Voltage, SPST Analog Switches
10
______________________________________________________________________________________
VGEN
GND
NC or
NO
CL
VOUT
-5V
V-
V+
VOUT
IN
OFF
ON
OFF
∆VOUT
Q = (
∆VOUT)(CL)
COM
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIN = +3V
+5V
RGEN
IN
MAX4551
MAX4552
MAX4553
Figure 3. Charge Injection
tr < 20ns
tf < 20ns
50%
0V
LOGIC
INPUT
V-
-5V
RL
300
Ω
NO
or NC
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VCOM
(
RL
)
RL + RON
SWITCH
INPUT
IN, EN
+3V
tOFF
0V
COM
SWITCH
OUTPUT
0.9 · V0UT
0.9 · VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR EN AND SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
CL
35pF
+5V
V+
VOUT
VCOM
0V
MAX4551
MAX4552
MAX4553
50%
0.9 · V0UT1
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT 2
(VOUT2)
0V
0.9 · VOUT2
tD
tD
LOGIC
INPUT
V-
-5V
RL2
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
COM2
IN1, 2
COM1
VOUT2
V+
+5V
CL2
VCOM1
RL1
VOUT1
CL1
RL = 300Ω
CL = 35pF
NO
NC
SWITCH
OUTPUT 1
(VOUT1)
MAX4553
VCOM2
Figure 1. Switching Time
Figure 2. Break-Before-Make Interval (MAX4553 only)
Test Circuits/Timing Diagrams



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com