Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX458CPL Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX458CPL
Description  8x4 Video Crosspoint Switches with Buffers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX458CPL Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX458CPL Datasheet HTML 8Page - Maxim Integrated Products MAX458CPL Datasheet HTML 9Page - Maxim Integrated Products MAX458CPL Datasheet HTML 10Page - Maxim Integrated Products MAX458CPL Datasheet HTML 11Page - Maxim Integrated Products MAX458CPL Datasheet HTML 12Page - Maxim Integrated Products MAX458CPL Datasheet HTML 13Page - Maxim Integrated Products MAX458CPL Datasheet HTML 14Page - Maxim Integrated Products MAX458CPL Datasheet HTML 15Page - Maxim Integrated Products MAX458CPL Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
8x4 Video Crosspoint Switches with Buffers
______________________________________________________________________________________
13
__________Applications Information
Grounding and Bypassing,
PC Board Layout
As with all analog circuits, good PC board layout, prop-
er grounding, and careful component selection are cru-
cial for realizing the full AC performance of high-speed
amplifiers such as the MAX458/MAX459. For optimal
performance:
1) Use a large, low-impedance analog ground plane.
With multilayer boards, the ground plane(s) should
be located on the layer that does not contain signal
traces. Connect all GND pins to the analog ground
plane.
2) Minimize trace area at the circuit’s critical high-imped-
ance nodes to prevent unwanted signal coupling.
Surround analog inputs with an AC ground trace
(bypassed DC power supply, etc.). The analog input
pins of the MAX458/MAX459 have been separated
with AC ground pins (GND, VCC, VEE) to minimize
parasitic coupling, which can degrade crosstalk.
3) Connect the coaxial-cable shield to the ground side
of the 75
Ω terminating resistor at the ground plane
to further reduce crosstalk (Figure 11).
4) Bypass all power-supply pins directly to the ground
plane with 0.1µF ceramic capacitors placed as
close to the supply pins as possible. For high-cur-
rent loads, you may need 10µF tantalum or alu-
minum-electrolytic capacitors in parallel with the
0.1µF ceramics. Keep capacitor lead lengths as
short as possible to minimize series inductance; sur-
face-mount chip capacitors are ideal.
Creating Larger Arrays
The MAX458/MAX459 assume a high-impedance state
on power-up if the inputs are not being programmed to
any particular state during that time. They also are in a
high-impedance state when disabled. This feature
makes it possible to create larger arrays than 8x4 with-
out special programming, other than ensuring that your
program doesn’t turn on two paralleled outputs simulta-
neously. Testing has shown no degradation of differen-
tial gain or phase when the outputs are connected in
parallel.
The MAX458/MAX459’s input registers remain active dur-
ing shutdown, which allows the crosspoint to be pro-
grammed while the devices are shut down. As a result, all
outputs may be simultaneously brought to any state,
including disabled. Just program all of the MAX458/
MAX459s into shutdown, and enter the program of your
choice by selecting the desired inputs and outputs. Taking
SHDN low takes the device(s) out of shutdown.
A power-on reset circuit causes the output amplifiers to
power up in the disabled mode, whether or not SHDN
is applied, if
–
U
—
P
—
D
—
A
—
T
—
E
–
and
–
C
—
S
–
are high.
The number of MAX458s that can be paralleled is limit-
ed by capacitive loading on each output, which must
not exceed 100pF. Each input presents approximately
7pF of load, and each output presents approximately
12pF. Therefore, the MAX458/MAX459 will drive a maxi-
mum of 14 inputs, or 7 outputs and 2 inputs, or any
other combination resulting in less than a 100pF load.
Adding isolation resistors enables more MAX458s to be
paralleled (see the
Driving Capacitive Loads section).
MAX458
MAX459
CS
SCLK
DIN
DOUT
SCK
MOSI
I/O
MOSO
THE DOUT-MOSO CONNECTION IS NOT REQUIRED FOR
WRITING TO THE MAX458/MAX459, BUT MAY BE USED
FOR DATA-ECHO PURPOSES.
CPOL = 0, CPHA = 0
SPI/QSPI
PORT
Figure 10. SPI/QSPI Connection
RETURN
CURRENT
IN_
IN_
RETURN
CURRENT
Figure 11. Low-Crosstalk Layout. Return current from termina-
tion resistor does not flow through the ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com