Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED12W-12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED12W-12
Description  Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED12W-12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED12W-12 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED12W-12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-12W Series
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ 120V, >0.75 @ 277V
Inrush Current:
<15.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.15 Amps max at 120 Vac
Maximum Power:
12W
Line Regulation:
± 1% (when applicable)
Load Regulation:
± 3%
THD:
<_ 20% @ 120 Vac, <_ 35% @ 277 Vac
Leakage Current:
300 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -30ºC
Storage Temperature:
-40ºC to +85ºC
Maximum Case Temp.
90°Cv
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
>550,000 Hours @ full load & 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
Compliant to CISPR 22 Class B, CISPR 14-1 Class B,
GB4343 1-2003, GB17625.1-2003
Weight:
4.5 oz. (128 g)
Constant Current - Product Specifications
Model Number
Output Current
(mA ±5%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED12W-48-C0250
250
24-48
12
82%
LED12W-36-C0350
350
18-36
12.6
81%
LED12W-24-C0350
350
16.4-24
8.2
80%
LED12W-24-C0500
500
12-24
12
80%
LED12W-16-C0700
700
11.2-16
11.2
79%
LED12W-16-C0800
800
8-16
12.8
79%
LED12W-12-C1000
1000
6-12
12
78%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED12W-12
•
12
250-1000
12
78%
LED12W-16
16
200-800
12.8
79%
LED12W-24
•
24
125-500
12
80%
LED12W-36
36
88-350
12.6
81%
LED12W-48
48
62-250
12
82%
Class 2:
US/Canada
US Only
E332160
Sign Components Manual
Rev 9-8-15
• Total Power: 12 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• Suitable for use signs (UL48)
• High Power Factor
• UL Sign Components Manual (S.A.M. Models)
Safety and EMC Compliance
UL/CUL
UL8750
CSA
22.2
C E
EN61347
FCC, 47CFR Part 15 Class B
• IndicatesS.A.M.


Similar Part No. - LED12W-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED12-C2 ETC2-LED12-C2 Datasheet
164Kb / 2P
LED Protoboards
logo
Roithner LaserTechnik G...
LED1200 ROITHNER-LED1200 Datasheet
1Mb / 8P
Infrared LED
logo
List of Unclassifed Man...
LED1200-35M32 ETC1-LED1200-35M32 Datasheet
70Kb / 1P
Stem type LED with high output powe
logo
Roithner LaserTechnik G...
LED1200-66-60 ROITHNER-LED1200-66-60 Datasheet
118Kb / 1P
High Power LED Array
logo
STEGO Elektrotechnik Gm...
LED121 STEGO-LED121 Datasheet
934Kb / 3P
VARIOLINE LAMP WITH SOCKET
20.07.2022
More results

Similar Description - LED12W-12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDC25W-072-C0350 ETC2-LDC25W-072-C0350 Datasheet
589Kb / 2P
DC to DC Switch Mode Constant Current and Constant Voltage LED Drivers,Black Magic Thermal Advantage??Plastic Housing
LED17W-36-C0470 ETC2-LED17W-36-C0470 Datasheet
539Kb / 2P
Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
LED20W-40-C0350-TE ETC2-LED20W-40-C0350-TE Datasheet
677Kb / 2P
Constant Current LED Drivers ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
LED25W-72-C0350-XX ETC2-LED25W-72-C0350-XX Datasheet
811Kb / 4P
Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
Switch Mode LED Drivers - Constant Current
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
Switch Mode LED Drivers, Constant Current
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com