Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED12W-16 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED12W-16
Description  Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED12W-16 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED12W-16 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED12W-16 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 2
SSL Solutions Faster Than The Speed Of Light®
3.35 [85]
0.42 [10.75]
[10.75]
[17.5]
0.28 [7]
0.14 [3.5]
[1.5] [1.5]
5.98 [152]
5.98 [152]
[7.5]
2 x Ø 0.14 [3.5]
[8]
[6]
[9.5]
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
All wires are stranded with solder dipped ends.
INPUT
White (N)
Black (L)
Tc = 90°C max
OUTPUT
Red (+)
Blue (-)
Dimensions - IN[mm]
0
50
25
100
125
200
225
175
150
75
250
40
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
(Full Load @ 120Vac)
45
50
55
60
65
70
75
80
50%
Load
Power Factor / Load
60%
70%
80%
90%
100%
50%
Load
THD / Load
60%
70%
80%
90%
100%
120Vac
277Vac
120Vac
277Vac
0.00
0.10
0.40
0.30
0.20
0.50
0.80
0.70
0.60
0.90
1.00
0%
20%
15%
10%
30%
25%
35%
40%
45%
50%
LED12W Series
Note:
Life calculations are based on reliability with confidence using
a 90% confidence level and <5% failure rate. At a confidence
level of 90% it is expected that <5% of the parts will fail at
the rated life provided. (Failure is defined as a driver drifting
outside specification, rather than fail to operate)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com