Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4591ESE Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4591ESE
Description  High-Speed, Single-Supply, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4591ESE Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4591ESE Datasheet HTML 1Page - Maxim Integrated Products MAX4591ESE Datasheet HTML 2Page - Maxim Integrated Products MAX4591ESE Datasheet HTML 3Page - Maxim Integrated Products MAX4591ESE Datasheet HTML 4Page - Maxim Integrated Products MAX4591ESE Datasheet HTML 5Page - Maxim Integrated Products MAX4591ESE Datasheet HTML 6Page - Maxim Integrated Products MAX4591ESE Datasheet HTML 7Page - Maxim Integrated Products MAX4591ESE Datasheet HTML 8Page - Maxim Integrated Products MAX4591ESE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
High-Speed, Single-Supply,
Quad, SPST Analog Switches
4
_______________________________________________________________________________________
ELECTRICAL CHARACTERISTICS—Single +15V Supply
(V+ = +15V, V- = GND = 0, VINH = 5V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3: Guaranteed by design.
Note 4:
∆RON = ∆RON max - ∆RON min.
Note 5: Flatness is defined as the difference between the maximum and minimum value of on-resistance as measured over the
specified analog signal range.
Note 6: Leakage parameters are 100% tested at maximum rated hot temperature and guaranteed by correlation at +25°C.
Note 7: Off-isolation = 20log10 [VCOM ⁄ (VNC or VNO)], VCOM = output, VNC or VNO = input to off switch.
Note 8: Between any two switches.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Analog Signal Range
VCOM_,
VNO_,
VNC_
0V+
V
CONDITIONS
(Note 3)
On-Resistance
RON
12
16
Ω
ICOM_ = -10mA,
VNO_ or VNC_ = 10V
Turn-On Time
tON
60
80
ns
VNO_ or VNC_ = 10V,
Figure 2
Break-Before-Make Time
Delay (Note 3)
tD
520
ns
MAX4593 only, RL = 300
Ω, CL = 35pF
Turn-Off Time
tOFF
30
40
ns
VNO_ or VNC_ = 10V,
Figure 2
Negative Supply Current
I-
-1
0.001
1
µA
Positive Supply Current
I+
-1
0.001
1
µA
Charge Injection
(Note 3)
Q
25
pC
CL = 1nF, VGEN = 0,
RGEN = 0
Ω, Figure 4
On-Resistance Match
Between Channels (Notes 3, 4)
∆RON
0.5
1.5
Ω
ICOM_ = -10mA,
VNO_ or VNC_ = 10V
On-Resistance Flatness
(Notes 3, 5)
RFLAT(ON)
0.7
1.5
Ω
ICOM_ = -10mA;
VNO_ or VNC_ = 3V, 6V, 9V
NO_ or NC_ Off-Leakage
Current (Note 6)
INO_(OFF)
or
INC_(OFF)
-0.1
0.01
0.1
nA
V+ = 15.5V;
VCOM_ = 14V, 1V;
VNO_ or VNC_ 1V, 14V
COM_ Off-Leakage Current
(Note 6)
ICOM_(OFF)
-0.1
0.01
0.1
V+ = 15.5V;
VCOM_ = 14V, 1V;
VNO_ or VNC_ = 1V, 14V
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
TA = +25°C
C, E
C, E
C, E
2.0
2.0
2.0
-5
5
C, E
C, E
-5
5
TA = +25°C
TA = +25°C
C, E
C, E
90
50
TA = +25°C
V+ = 15V, VIN_ = 0 or V+, all channels on or off
V+ = 15V, VIN_ = 0 or V+, all channels on or off
nA
TA = +25°C
COM_ On-Leakage Current
(Note 6)
ICOM_(ON)
-0.2
0.02
0.2
nA
V+ = 15.5V;
VCOM_ =14V, 1V;
VNO_ or VNC_ = 14V, 1V,
or floating
-10
10
C, E
ANALOG SWITCH
DYNAMIC
SUPPLY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com