Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED25W-36 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED25W-36
Description  Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED25W-36 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED25W-36 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED25W-36 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED25W-36 Datasheet HTML 3Page - List of Unclassifed Manufacturers LED25W-36 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-25W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Ordering Options:
-D: 0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. “-D” 0-10V Dimming is compatible with most quality 0-10V wall dimmers.
See page 3 for additional specifications.
-PD: PWM Dimmable version comes with an extra two wires +Purple/-Gray on the output side.
“-PD” version is PWM Dimmable via a positive 10% to 100% Duty Cycle, 200Hz to 1KHz,
0-10V Pulse. See page 4 for additional specifications.
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<15.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
0.25 Amps max @ 120 Vac
Maximum Power:
25W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection with Auto Recovery
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
482,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Constant Current
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED25W-72-C0350-XX
350
24-72
25
86%
LED25W-40-C0350-XX
350
13-40
14
84%
LED25W-28-C0350-XX
350
10-28
9.8
83%
LED25W-62-C0400-XX
400
21-62
24.8
85%
LED25W-56-C0450-XX
450
19-56
25
84%
LED25W-40-C0500-XX
500
13-40
20
84%
LED25W-40-C0620-XX
620
13-40
24.8
84%
LED25W-36-C0700-XX
700
12-36
25
84%
LED25W-28-C0850-XX
850
10-28
23.8
83%
LED25W-24-C1040-XX
1040
8-24
25
83%
LED25W-20-C1250-XX
1250
7-20
25
83%
LED25W-18-C1400-XX
1400
6-18
25
82%
LED25W-16-C1560-XX
1560
6-16
25
82%
LED25W-14-C1750-XX
1750
5-14
24.5
82%
LED25W-12-C2080-XX
2080
4-12
25
81%
Constant Voltage
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED25W-12
•
12
520-2080
25
81%
LED25W-14
14
438-1750
24.5
82%
LED25W-16
16
390-1560
25
82%
LED25W-18
18
360-1400
25
82%
LED25W-20
20
313-1250
25
83%
LED25W-24
•
24
260-1040
25
83%
LED25W-28
28
213-850
23.8
83%
LED25W-36
36
175-700
25
84%
LED25W-40
40
155-620
24.8
84%
LED25W-56
56
113-450
25
84%
LED25W-62
62
100-400
24.8
85%
LED25W-72
72
88-350
25
86%
Class 2:
US/Canada
US Only
-XX indicates dimming options are available. See options at left. Blank = fixed current output
E332160
Sign Components Manual
• Total Power: 25 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• High Power Factor
• UL8750 and Class 2 Compliant, as noted
• UL Sign Components Manual (S.A.M. Models)
Rev 9-11-15
• IndicatesS.A.M.


Similar Part No. - LED25W-36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED25W-36-C0700-LE ETC2-LED25W-36-C0700-LE Datasheet
687Kb / 2P
Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
LED25W-36-C0700-TE ETC2-LED25W-36-C0700-TE Datasheet
687Kb / 2P
Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
More results

Similar Description - LED25W-36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LDC25W-072-C0350 ETC2-LDC25W-072-C0350 Datasheet
589Kb / 2P
DC to DC Switch Mode Constant Current and Constant Voltage LED Drivers,Black Magic Thermal Advantage??Plastic Housing
LED12W-48-C0250 ETC2-LED12W-48-C0250 Datasheet
619Kb / 2P
Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
LED17W-36-C0470 ETC2-LED17W-36-C0470 Datasheet
539Kb / 2P
Switch Mode LED Drivers Constant Current & Constant Voltage with Isolation Black Magic Thermal Advantage??Plastic Housing
LED-20W ETC2-LED-20W Datasheet
777Kb / 4P
Switch Mode LED Drivers with Isolation, Constant Current, Dimming & Constant Voltage
LED20W-40-C0350-TE ETC2-LED20W-40-C0350-TE Datasheet
677Kb / 2P
Constant Current LED Drivers ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
LED25W-72-C0350-TE ETC2-LED25W-72-C0350-TE Datasheet
687Kb / 2P
Constant Current LED Drivers CCR Mode: ELV & Inc 100-10% Dimmable Black Magic Thermal Advantage??Plastic Housing
TRC-050S035ST ETC2-TRC-050S035ST Datasheet
547Kb / 1P
Switch Mode LED Drivers,Constant Current
TRC-075S035ST ETC2-TRC-075S035ST Datasheet
580Kb / 2P
Switch Mode LED Drivers - Constant Current
TRC-075D ETC2-TRC-075D Datasheet
731Kb / 3P
Switch Mode LED Drivers - Constant Current
TRC-096S035ST ETC2-TRC-096S035ST Datasheet
521Kb / 2P
Switch Mode LED Drivers, Constant Current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com