Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-35W Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LED-35W
Description  Narrow cross-section fits T5-style ballast channels Off-line Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED-35W Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LED-35W Datasheet HTML 1Page - List of Unclassifed Manufacturers LED-35W Datasheet HTML 2Page - List of Unclassifed Manufacturers LED-35W Datasheet HTML 3Page - List of Unclassifed Manufacturers LED-35W Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 2 of 4
SSL Solutions Faster Than The Speed Of Light®
Dimensions - mm
Dimming
Purple (+)
Gray (-)
INPUT
White (N)
Black (L)
OUTPUT
Red (+)
Blue (-)
WIRE SPECS:
Input Leads: 18 AWG, rated 600 V, 105C, min.
Output Leads: 18 AWG, rated 300 V, 105C, min.
Dimming Leads: 22 AWG, rated 300 V, 105C.
All wires are stranded with solder dipped ends.
9.10 [231.0]
8.5 [217.0]
4.2 [106.5]
0.08 [2.0]
0.28 [7.0]
0.492 [12.5]
0.39 ±0.04 [10 ±1]
5.91MIN [150MIN]
1.05 [26.8]
5.91MIN [150MIN]
Tc = 90°C max
Safety and EMC Compliance
UL/CUL
UL8750, CSA-C22.2
C E
EN61347
EN61000-3-2
Harmonic current emissions
EN61000-3-3
Voltagefluctuations&flicker,ClassC
50
Case Hotspot Temperature (°C)
Lifetime / Case Temperature
0
70
105
122.5
87.5
17.5
35
52.5
140
55
60
65
70
75
80
85
90
LED35W Series
Note:
Life calculations are based on reliability with confidence using
a 90% confidence level and <5% failure rate. At a confidence
level of 90% it is expected that <5% of the parts will fail at
the rated life provided. (Failure is defined as a driver drifting
outside specification, rather than fail to operate)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com