Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED35W-036 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED35W-036
Description  Narrow cross-section fits T5-style ballast channels Off-line Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED35W-036 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED35W-036 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED35W-036 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED35W-036 Datasheet HTML 3Page - List of Unclassifed Manufacturers LED35W-036 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-35W Series
Narrow cross-section fits T5-style ballast channels
Off-line Switch Mode LED Drivers
Constant Current or Constant Voltage, with Isolation
Black Magic Thermal Advantage™ Plastic Housing
Class 2:
US/Canada
US Only
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray
on the output side. “-D” version is compatible with most quality 0-10V wall dimmers.
Seepage3foradditionalspecifications.
-PD: PWM Dimmable version comes with an extra two wires +Purple/-Gray on the output
side. “-PD” version is PWM Dimmable via a positive 10% to 100% Duty Cycle,
200Hzto1KHz,0-10VPulse.Seepage4foradditionalspecifications.
Constant Current - Product Specifications
Model Number
Output Current
(mA ±4%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED35W-100-C0350-XX
350
34-100
35
86%
LED35W-054-C0700-XX
700
18-54
35
86%
LED35W-036-C1050-XX
1050
18-36
35
85%
LED35W-028-C1250-XX
1250
14-28
35
84%
Constant Voltage - Product Specifications
Model Number
Output Current
Range (mA)
Output Voltage
(Vdc ±5%)
Max. Output
Power (W)
Typical
Efficiency
LED35W-028
313-1250
28
35
84%
LED35W-036
263-1050
36
35
85%
LED35W-054
175-700
54
35
86%
LED35W-100
88-350
100
35
86%
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ >70% load, 120-277Vac
Inrush Current:
<10.0 Amps @ 230 Vac, cold start 25ºC
Input Current:
0.37 A @ 120Vac, full load
Maximum Power:
35W
Current Regulation:
± 2% Over input line variation
Load Regulation:
± 4%
THD:
<_ 20% @ >70% load, 120-277Vac
Leakage Current:
400 µA Typical
Start Up Time:
<1S full output
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current,
Short Circuit with auto-recovery, transient
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
482,000 Hours @ full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Impact Resistance:
1g/s
Weight:
8.8 oz (250 grams) typical
-XXindicatesdimmingoptionsareavailable.Seeoptionsbelow.Blank=fixedcurrentoutput
PENDING
• Total Power: 35 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66 & NEMA4
• Fully Encapsulated
• High Power Factor
• Designed to be DLC & Energy Star Compliant
Rev 8-25-15


Similar Part No. - LED35W-036

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED35 ROITHNER-LED35 Datasheet
93Kb / 2P
Mid-Infrared Light Emitting Diodes and Photodiodes
LED35-SMD3 ROITHNER-LED35-SMD3 Datasheet
205Kb / 2P
Mid-Infrared Light Emitting Diode
More results

Similar Description - LED35W-036

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
logo
Schurter Inc.
6050 SCHURTER-6050_18 Datasheet
160Kb / 2P
Line Switch, fits to Felcom
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com