Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4581EEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4581EEE
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4581EEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4581EEE Datasheet HTML 1Page - Maxim Integrated Products MAX4581EEE Datasheet HTML 2Page - Maxim Integrated Products MAX4581EEE Datasheet HTML 3Page - Maxim Integrated Products MAX4581EEE Datasheet HTML 4Page - Maxim Integrated Products MAX4581EEE Datasheet HTML 5Page - Maxim Integrated Products MAX4581EEE Datasheet HTML 6Page - Maxim Integrated Products MAX4581EEE Datasheet HTML 7Page - Maxim Integrated Products MAX4581EEE Datasheet HTML 8Page - Maxim Integrated Products MAX4581EEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Dual Supplies
(VCC = 4.5V to 5.5V, VEE = -4.5V to -5.5V, V_H = 2.4V, V_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltages Referenced to VEE
VCC.........................................................................-0.3V to 13V
Voltage into Any Terminal (Note 1) ...(VEE - 0.3V) to (VCC + 0.3V)
Continuous Current into Any Terminal..............................±20mA
Peak Current, X_, Y_, Z_
(pulsed at 1ms, 10% duty cycle) ...................................±40mA
ESD per Method 3015.7 ..................................................>2000V
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.53mW/°C above +70°C) ............842mW
Narrow SO (derate 8.70mW/°C above +70°C)..............696mW
QSOP (derate 8.3mW/°C above +70°C) .......................667mW
TSSOP (derate 6.7mW/°C above +70°C) ......................457mW
Operating Temperature Ranges
MAX458_C_ .........................................................0°C to +70°C
MAX458_E_ ......................................................-40°C to +85°C
MAX458_A_.....................................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10sec) .............................+300°C
+25°C
V
C, E, A
VX, VY, VZ
Analog-Signal Range
Ω
C, E, A
RON
Switch On-Resistance
VCC = 4.5V; VEE = -4.5V;
IX, IY, IZ = 1mA; VX, VY, VZ = 3.5V
VCC = 4.5V; VEE = -4.5V;
IX, IY, IZ = 1mA; VX, VY, VZ = 3.5V
+25°C
Ω
C, E, A
∆RON
Switch On-Resistance
Match Between
Channels (Note 3)
VCC = 5.5V; VEE = -5.5V;
VX_, VY_, VZ_ = ±4.5V;
VX, VY, VZ =
4.5V
MAX4581
nA
IX(OFF),
IY(OFF),
IZ(OFF)
X, Y, Z Off Leakage
(Note 5)
MAX4582
MAX4583
+25°C
VCC = 5V; VEE = -5V; IX, IY, IZ = 1mA;
VX, VY, VZ = 3V, 0V, -3V
Ω
+25°C
RFLAT(ON)
Switch On-Resistance
Flatness (Note 4)
+25°C
Note 1: Voltages exceeding VCC or VEE on any signal terminal are clamped by internal diodes. Limit forward-diode current to maxi-
mum current rating.
14
6
50
80
VEE
VCC
-1
1
100
410
-2
2
C, E, A
-10
10
-1
1
VCC = 5.5V; VEE = -5.5V;
VX_, VY_, VZ_ = ±4.5V; VX, VY, VZ = 4.5V
nA
+25°C
IX_(OFF),
IY_(OFF),
IZ_(OFF)
X_, Y_, Z_ Off Leakage
(Note 5)
CONDITIONS
MIN
TYP
MAX
(Note 2)
UNITS
TEMP
SYMBOL
PARAMETER
C, E, A
-100
100
C, E, A
-50
50
C, E, A
-1
1
-2
2
C, E, A
-100
100
-50
50
VCC = 5.5V; VEE = -5.5V;
VX, VY, VZ = ±4.5V
MAX4581
nA
IX(ON),
IY(ON),
IZ(ON)
X, Y, Z On Leakage
(Note 5)
MAX4582
MAX4583
+25°C
+25°C
C, E, A
12
C, E, A
1.5
2.4
V
VAH, VBH,
VCH
Logic Input Logic
Threshold High
V
VAL, VBL,
VCL
C, E, A
0.8
1.5
Logic Input Logic
Threshold Low
ANALOG SWITCH
DIGITAL I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com