Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4591CUE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX4591CUE
Description  High-Speed, Single-Supply, Quad, SPST Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4591CUE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX4591CUE Datasheet HTML 1Page - Maxim Integrated Products MAX4591CUE Datasheet HTML 2Page - Maxim Integrated Products MAX4591CUE Datasheet HTML 3Page - Maxim Integrated Products MAX4591CUE Datasheet HTML 4Page - Maxim Integrated Products MAX4591CUE Datasheet HTML 5Page - Maxim Integrated Products MAX4591CUE Datasheet HTML 6Page - Maxim Integrated Products MAX4591CUE Datasheet HTML 7Page - Maxim Integrated Products MAX4591CUE Datasheet HTML 8Page - Maxim Integrated Products MAX4591CUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
High-Speed, Single-Supply,
Quad, SPST Analog Switches
_______________________________________________________________________________________
3
ELECTRICAL CHARACTERISTICS—Single +12V Supply (continued)
(V+ = +12V, V- = GND = 0, VINH = 5V, VINL = 0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Note 2)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
Input Current with Input
Voltage High
IINH
-0.5
0.005
0.5
µA
CONDITIONS
IN_ = V+, all others = 0.8V
Input Current with Input
Voltage Low
IINL
-0.5
0.005
0.5
µA
IN_ = 0.8V, all others = V+
Turn-On Time
tON
50
80
ns
Charge Injection
(Note 3)
Q
25
pC
CL = 1nF, VGEN = 0,
RGEN = 0
Ω, Figure 4
TA = +25°C
C, E
90
VCOM_ = 10V, Figure 2
TA = +25°C
C, E
50
VCOM_ = 10V, Figure 2
Turn-Off Time
tOFF
30
45
ns
MAX4593 only, RL = 300
Ω, CL = 35pF, Figure 3
Break-Before-Make
Time Delay (Note 3)
tD
520
ns
TA = +25°C
TA = +25°C
RL = 50
Ω, CL = 5pF,
f = 10MHz, Figure 5
Off-Isolation (Note 7)
OIRR
72
dB
TA = +25°C
RL = 50
Ω, CL = 5pF,
f = 10MHz, Figure 6
Crosstalk (Note 8)
85
dB
TA = +25°C
f = 1MHz, Figure 7
NC_ or NO_ Capacitance
C(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 7
COM_ Off-Capacitance CCOM_(OFF)
9
pF
TA = +25°C
f = 1MHz, Figure 8
COM_ On-Capacitance
CCOM_(ON)
pF
22
Power-Supply Range
316
V
Positive Supply Current
I+
V+ = 15V,
VIN_ = 0 or V+,
all channels on or off
C, E
-1
0.001
1
µA
LOGIC INPUT
SUPPLY
DYNAMIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com