Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4581C/D Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4581C/D
Description  Low-Voltage, CMOS Analog Multiplexers/Switches
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4581C/D Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4581C/D Datasheet HTML 4Page - Maxim Integrated Products MAX4581C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4581C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4581C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4581C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4581C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4581C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4581C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4581C/D Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Low-Voltage, CMOS Analog
Multiplexers/Switches
8
_______________________________________________________________________________________
__________Applications Information
Power-Supply Considerations
Overview
The MAX4581/MAX4582/MAX4583 construction is typi-
cal of most CMOS analog switches. They have three
supply pins: VCC, VEE, and GND. VCC and VEE are used
to drive the internal CMOS switches and set the limits of
the analog voltage on any switch. Reverse ESD-
protection diodes are internally connected between
each analog-signal pin and both VCC and VEE. If any
analog signal exceeds VCC or VEE, one of these diodes
will conduct. During normal operation, these and other
reverse-biased ESD diodes leak, forming the only cur-
rent drawn from VCC or VEE.
Virtually all the analog leakage current comes from the
ESD diodes. Although the ESD diodes on a given signal
pin are identical and therefore fairly well balanced, they
are reverse biased differently. Each is biased by either
VCC or VEE and the analog signal. This means their
leakages will vary as the signal varies. The
difference in
the two diode leakages to the VCC and VEE pins consti-
tutes the analog-signal-path leakage current. All analog
leakage current flows between each pin and one of the
supply terminals, not to the other switch terminal. This is
why both sides of a given switch can show leakage cur-
rents of either the same or opposite polarity.
There is no connection between the analog-signal
paths and GND.
Pin Description
Note: Input and output pins are identical and interchangeable. Any may be considered an input or output; signals pass equally well
in both directions.
PIN
16
VCC
16
16
Positive Analog and Digital Supply Voltage Input
MAX4583
MAX4582
MAX4581
15
Y
—
Y0, Y1, Y2, Y3
9
C
4
Z
3
Z1
5
Z0
NAME
—
X0–X7
—
X
—
X0, X1, X2, X3
14
X
2
Y0
1
Y1
12
X0
13
X1
10
B
11
A
8
GND
7
VEE
6
Enable
—
3
Analog Switch “Y” Output
—
1, 5, 2, 4
Analog Switch “Y” Inputs 0–3
9
—
Digital Address “C” Input
—
—
Analog Switch “Z” Output
—
—
Analog Switch “Z” Normally Open Input
—
—
Analog Switch “Z” Normally Closed Input
FUNCTION
13, 14, 15,
12, 1, 5, 2, 4
—
Analog Switch Inputs 0–7
3
—
Analog Switch Output
—
12, 14, 15, 11
Analog Switch “X” Inputs 0–3
—
13
Analog Switch “X” Output
—
—
Analog Switch “Y” Normally Closed Input
—
—
Analog Switch “Y” Normally Open Input
—
—
Analog Switch “X” Normally Closed Input
—
—
Analog Switch “X” Normally Open Input
10
9
Digital Address “B” Input
11
10
Digital Address “A” Input
8
8
Ground. Connect to digital ground. (Analog signals have no
ground reference; they are limited to VCC and VEE.)
7
7
Negative Analog Supply-Voltage Input. Connect to GND for
single-supply operation.
6
6
Digital Enable Input. Normally connect to GND. Can be driven
to logic high to set all switches off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com