Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMLDM7005 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CMLDM7005
Description  20V, 650mA Dual, Complementary MOSFETs
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMLDM7005 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CMLDM7005 Datasheet HTML 1Page - Central Semiconductor Corp CMLDM7005 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20V, 650mA Dual, Complementary MOSFETs
in the miniature SOT-563 package
Central Semiconductor’s CMLDM7005 (Dual, N-Channel),
CMLDM8005 (Dual, P-Channel), and CMLDM7585 (N &
P-Channel) are 20V, 650mA MOSFETs with exceptionally low
rDS(ON) and threshold voltage specifications. These devices are
the ideal solution for design engineers seeking energy efficient
MOSFETs in a very small package.
N-Channel
P-Channel
N & P-Channel
SOT-563
To order samples of this device visit:
www.centralsemi.com/info/CMLDM
Samples
145 Adams Avenue
• Hauppauge • New York • 11788 • USA • www.centralsemi.com
• Closely matched characteristics
• Energy efficiency
• Integrated transient protection
Benefits:
Typical Electrical Characteristics
Features:
• ESD protection up to 2kV
• Low rDS(ON)
• Low threshold voltage
• Logic level compatible
• Low gate charge
• Drain current of 650mA per individual MOSFET
Applications:
• High speed pulsed amplifiers
• Load/Power switches
• Power supply converter circuits
• Power management
• Motor drives
Order your selection guide today.
Visit: web.centralsemi.com/search/sample.php
New
SMD
SELECTION
GUIDE
*Note: Ceramic or aluminum core PC Board with
copper mounting pad area of 4.0mm2
Literature
Electrical Characteristics: (TA = 25˚C unless otherwise noted)
Thermal Characteristics
BVDSS
(V)
MIN
ID
(mA)
MAX
VGS(th)
(V)
MIN
MAX
rDS(ON)
@ VGS
@ ID
(Ω)
(Ω)
(V)
(mA)
TYP
MAX
Qgs
(nC)
TYP
Ciss
(pF)
TYP
Crss
(pF)
TYP
PD
(mW)
MAX
TJ, Tstg
(˚C)
MAX
N-Channel
20
650
0.5
1.1
0.14
0.2
0.23
0.275
4.5
2.5
600
500
0.17
100
18
350*
-65 to +150
P-Channel
20
650
0.5
1.0
0.25
0.37
0.36
0.5
4.5
2.5
350
300
0.24
100
25
350*
-65 to +150
CMLDM7005 (Dual, N-Channel)
CMLDM8005 (Dual, P-Channel)
CMLDM7585 (N & P-Channel)
Product Brief
Product Brief


Similar Part No. - CMLDM7005

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM7005 CENTRAL-CMLDM7005 Datasheet
592Kb / 2P
SURFACE MOUNT DUAL N-CHANNEL ENHANCEMENT-MODE SILICON MOSFETS
CMLDM7005 CENTRAL-CMLDM7005 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM7005_1306 CENTRAL-CMLDM7005_1306 Datasheet
1Mb / 3P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM7005 CENTRAL-CMLDM7005_15 Datasheet
1Mb / 4P
SURFACE MOUNT SILICON DUAL N-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM7005_8005_7585 CENTRAL-CMLDM7005_8005_7585 Datasheet
1Mb / 2P
20V, 650mA Dual, Complementary MOSFETs in the miniature SOT-563 package
More results

Similar Description - CMLDM7005

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTC6718MC DIODES-ZXTC6718MC Datasheet
232Kb / 9P
COMPLEMENTARY DUAL 20V LOW SATURATION TRANSISTORS
Rev 3
logo
Central Semiconductor C...
CMLDM7005_8005_7585 CENTRAL-CMLDM7005_8005_7585 Datasheet
1Mb / 2P
20V, 650mA Dual, Complementary MOSFETs in the miniature SOT-563 package
CMUDM7005_8005 CENTRAL-CMUDM7005_8005 Datasheet
1Mb / 2P
20V, 650mA, Complementary MOSFETs in the miniature SOT-523 package
PB_CMLM0575-1509 CENTRAL-PB_CMLM0575-1509 Datasheet
1Mb / 2P
20V, 650mA MOSFET
PB-CMKDM8005_1509 CENTRAL-PB-CMKDM8005_1509 Datasheet
1Mb / 2P
20V, 650mA Dual, P-Channel MOSFET
PB-CMLDM3737_1509 CENTRAL-PB-CMLDM3737_1509 Datasheet
1Mb / 2P
Dual, Complementary MOSFETs
logo
First Silicon Co., Ltd
FTK2215PP FS-FTK2215PP Datasheet
1Mb / 5P
20V Dual P-Channel MOSFETs
FTK2216DFN22NN FS-FTK2216DFN22NN Datasheet
981Kb / 5P
20V Dual N-Channel MOSFETs
FTK2219PP FS-FTK2219PP Datasheet
964Kb / 4P
20V Dual P Channel MOSFETs
FTK2516DFN23 FS-FTK2516DFN23 Datasheet
882Kb / 6P
20V Dual N-Channel MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com