Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP613-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP613-R
Description  Side View LED
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP613-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP613-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP613-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP613-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP613-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP613-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP613-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP613-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP613-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP613-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
QBLP613_Series
1204 Side View LED
------------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP613_Series
Date: March 27, 2014
Page 4 of 13
Version# 1.5
Electrical / Optical Characteristic (T=25
oC)
Product
Color
IF (mA)
VF (V)
λD (nm)
IV (mcd)
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
QBLP613-IB
Blue
20
3.1
3.7
465
470
475
80
100
QBLP613-IG
True Green
20
3.1
3.7
520
525
530
200
370
QBLP613-R
Red
20
2.0
2.5
625
630
635
50
85
QBLP613-AG
Yellow Green
20
2.0
2.5
565
570
576
25
40
QBLP613-Y
Yellow
20
2.0
2.5
585
590
595
80
170
Absolute Maximum Rating
Material
Pd (mW) IF (mA) IFP (mA)* VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
InGaN (IB/IG)
111
30
125
5
-40 ~ +80
-40 ~ +85
260
AlInGaP (R/AG/Y)
75
30
125
5
-40 ~ +80
-40 ~ +85
260
**Duty 1/8 @ 1KHz
**IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF @ IF=20mA for AlInGaP
Bin
Min.
Max.
Unit
1.7
2.5
V
Forward Voltage VF @ IF=20mA for InGaN
Bin
Min.
Max.
Unit
f
2.8
3.1
V
g
3.1
3.4
h
3.4
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com