Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4610C/D Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4610C/D
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4610C/D Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4610C/D Datasheet HTML 5Page - Maxim Integrated Products MAX4610C/D Datasheet HTML 6Page - Maxim Integrated Products MAX4610C/D Datasheet HTML 7Page - Maxim Integrated Products MAX4610C/D Datasheet HTML 8Page - Maxim Integrated Products MAX4610C/D Datasheet HTML 9Page - Maxim Integrated Products MAX4610C/D Datasheet HTML 10Page - Maxim Integrated Products MAX4610C/D Datasheet HTML 11Page - Maxim Integrated Products MAX4610C/D Datasheet HTML 12Page - Maxim Integrated Products MAX4610C/D Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
______________________________________________________________________________________
11
COM3
NO1 (NC1)
COM2
IN2
V+
IN1
IN4
0.049"
(1.24mm)
0.054"
(1.37mm)
NO2 (NC2)
COM1
IN3
GND NO3 (NC3)
COM4
NO4
(NC4)
COM3
NO1
COM2
IN2
V+
IN1
IN4
0.049"
(1.24mm)
0.054"
(1.37mm)
NO2
COM1
IN3
GND
NC3
COM4
NC4
MAX4610/MAX4611
MAX4612
( ) ARE FOR MAX4611
TRANSISTOR COUNT: 132
SUBSTRATE CONNECTED TO V+
___________________________________________________________Chip Topographies
Package Information
(The package drawing(s) in this data sheet may not reflect the most current specifications. For the latest package outline information,
go to www.maxim-ic.com/packages.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com