Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4614CSD Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX4614CSD
Description  Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4614CSD Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX4614CSD Datasheet HTML 1Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 2Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 3Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 4Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 5Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 6Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 7Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 8Page - Maxim Integrated Products MAX4614CSD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low-Voltage, High-Speed, Quad, SPST
CMOS Analog Switches
________________________________________________________________
Maxim Integrated Products
1
19-1501; Rev 0; 7/99
For free samples & the latest literature: http://www.maxim-ic.com, or phone 1-800-998-8800.
For small orders, phone 1-800-835-8769.
General Description
The MAX4614/MAX4615/MAX4616 quad, low-voltage,
high-speed, single-pole/single-throw (SPST) analog
switches are pin compatible with the industry-standard
74HC4066/MAX4610 analog switches. On-resistance
(10
Ω max) is matched between switches to 1Ω max
and is flat (1
Ω max) over the specified signal range.
Each switch handles V+ to GND analog signal levels.
Maximum off-leakage current is only 1nA at TA = +25°C
and 6nA at TA = +85°C.
The MAX4614 has four normally open (NO) switches,
and the MAX4615 has four normally closed (NC)
switches. The MAX4616 has two NO switches and two
NC switches. These CMOS switches operate from a
single +2V to +5.5V supply. All digital inputs have
+0.8V and +2.4V logic thresholds, ensuring TTL/CMOS-
logic compatibility when using a single +5V supply.
________________________Applications
Battery-Operated Equipment
Audio/Video Signal Routing
Low-Voltage Data-Acquisition Systems
Sample-and-Hold Circuits
Communication Circuits
____________________________Features
o Fast Switching Times
12ns tON, 10ns tOFF
o Pin Compatible with Industry-Standard
74HC4066/MAX4610
o Guaranteed On-Resistance
10
Ω max (+5V supply)
20
Ω max (+3V supply)
o Guaranteed Match Between Channels (1
Ω max)
o Guaranteed Flatness Over Signal Range (1
Ω max)
o <6nA Off-Leakage Current Over Temperature
(TA = +85°C)
o Rail-to-Rail® Signal Handling
o TTL/CMOS-Logic Compatible
14
13
12
11
10
9
8
1
2
3
4
5
6
7
MAX4614
TSSOP/SO/DIP
V+
IN1
IN4
NO4
COM4
COM3
NO3
COM2
NO2
COM1
NO1
GND
IN3
IN2
TOP VIEW
INPUT
SWITCH STATE
LOW
HIGH
OFF
ON
14
13
12
11
10
9
8
1
2
3
4
5
6
7
MAX4615
TSSOP/SO/DIP
V+
IN1
IN4
NC4
COM4
COM3
NC3
COM2
NC2
COM1
NC1
GND
IN3
IN2
INPUT
SWITCH STATE
LOW
HIGH
ON
OFF
14
13
12
11
10
9
8
1
2
3
4
5
6
7
MAX4616
TSSOP/SO/DIP
V+
IN1
IN4
NC4
COM4
COM3
NO3
COM2
NC2
COM1
NO1
GND
IN3
IN2
INPUT
NO1, NO3
LOW
HIGH
OFF
ON
NC2, NC4
ON
OFF
Pin Configurations/Truth Tables
Ordering Information
Ordering Information continued at end of data sheet.
PART
MAX4614CUD
0°C to +70°C
TEMP. RANGE
PIN-PACKAGE
14 TSSOP
MAX4614CSD
MAX4614CPD
0°C to +70°C
0°C to +70°C
14 Narrow SO
14 Plastic DIP
MAX4614ESD
-40°C to +85°C
14 Narrow SO
MAX4614EUD
-40°C to +85°C
14 TSSOP
Rail-to-Rail is a registered trademark of Nippon Motorola, Ltd.
MAX4614EPD
-40°C to +85°C
14 Plastic DIP


Similar Part No. - MAX4614CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4614CSD MAXIM-MAX4614CSD Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
More results

Similar Description - MAX4614CSD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX311 MAXIM-MAX311 Datasheet
305Kb / 8P
Quad SPST CMOS Analog Switches
MAX4066 MAXIM-MAX4066 Datasheet
112Kb / 12P
Low-Cost, Low-Voltage, Quad, SPST, CMOS Analog Switches
19-0439; Rev 1; 3/96
MAX4610 MAXIM-MAX4610 Datasheet
1Mb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 2; 11/03
MAX4651 MAXIM-MAX4651 Datasheet
399Kb / 15P
Low-Voltage, 4?? Quad, SPST, CMOS Analog Switches
Rev 2; 2/02
logo
List of Unclassifed Man...
MP7510DI ETC-MP7510DI Datasheet
230Kb / 3P
CMOS QUAD SPST ANALOG SWITCHES
logo
National Semiconductor ...
LMC13334 NSC-LMC13334 Datasheet
244Kb / 7P
Quad SPST High Voltage CMOS Analog Switches
logo
Maxim Integrated Produc...
MAX4610 MAXIM-MAX4610_07 Datasheet
422Kb / 13P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 5; 6/07
MAX4610 MAXIM-MAX4610_09 Datasheet
162Kb / 11P
Low-Voltage, Quad, SPST CMOS Analog Switches
Rev 6; 5/09
logo
Vishay Siliconix
DG441 VISHAY-DG441_11 Datasheet
229Kb / 14P
Quad SPST CMOS Analog Switches
30-May-11
logo
Maxim Integrated Produc...
MAX4613 MAXIM-MAX4613_V01 Datasheet
1Mb / 13P
Low-Voltage, High-Speed, Quad, SPST CMOS Analog Switches
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com