Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP651-R Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # QBLP651-R
Description  IR Chip LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP651-R Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  QBLP651-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP651-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
QBLP651 Series
1206 LED with Inner Lens
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP651_series
Date: October 16, 2014
Page 4 of 14
Version# 1.2
Electrical / Optical Characteristic (T=25
oC)
Product Number
Color
IF(mA)
VF(V)
λD (nm)
Iv(mcd)
Min
Typ. Max Min.
Typ. Max.
Min.
Typ.
QBLP651-IW
White
20
2.8
3.2
3.7
x: .25
y: .24
--
x: .33
y: .34
160
320
QBLP651-IB
Blue
20
2.8
3.1
3.7
465
470
475
320
550
QBLP651-IG
True Green
20
2.8
3.4
3.7
520
525
530
1600
2700
QBLP651-R
Red
20
1.7
2.0
2.5
615
620
630
320
600
QBLP651-AG
Yellow Green
20
1.7
2.0
2.5
565
--
576
80
150
QBLP651-Y
Yellow
20
1.7
2.0
2.5
585
590
595
320
660
QBLP651-O
Orange
20
1.7
2.0
2.5
600
605
610
200
450
Absolute Maximum Rating
Material
Pd (mW)
IF (mA)
IFP (mA)*
VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
AlInGaP
75
30
125
5
-40 to +80
-40 to +85
260
InGaN
111
30
125
5
-40 to +80
-40 to +85
260
*Duty 1/8 @ 1KHz
** IR Reflow for no more than 10 sec @ 260
oC
Forward Voltage VF for AlInGaP @ IF=20mA
Bin
Min.
Max.
Unit
□
1.7
2.5
V
Forward Voltage VF for InGaN @ IF=20mA
Bin
Min.
Max.
Unit
f
2.8
3.1
V
g
3.1
3.4
h
3.4
3.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com