Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4635ETB Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX4635ETB
Description  Fast, Low-Voltage, Dual 4??SPDT CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4635ETB Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX4635ETB Datasheet HTML 1Page - Maxim Integrated Products MAX4635ETB Datasheet HTML 2Page - Maxim Integrated Products MAX4635ETB Datasheet HTML 3Page - Maxim Integrated Products MAX4635ETB Datasheet HTML 4Page - Maxim Integrated Products MAX4635ETB Datasheet HTML 5Page - Maxim Integrated Products MAX4635ETB Datasheet HTML 6Page - Maxim Integrated Products MAX4635ETB Datasheet HTML 7Page - Maxim Integrated Products MAX4635ETB Datasheet HTML 8Page - Maxim Integrated Products MAX4635ETB Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Fast, Low-Voltage, Dual 4
Ω SPDT
CMOS Analog Switches
4
_______________________________________________________________________________________
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
TA = +25°C-0.1
±0.01
0.1
COM_ On-Leakage Current
(Note 6)
ICOM_(ON)
V+ = 3.3V; VCOM_ =1V,
3V; VNO_ or VNC_ = 1V,
3V, or floating
TA = TMIN to TMAX
-0.3
0.3
nA
DIGITAL I/O (IN1, IN2)
Input Logic High
VIH
2.0
V
Input Logic Low
VIL
0.4
V
Input Leakage Current
IIH, IIL
VIN_ = 0 or +5.5V
-100
5
100
nA
DYNAMIC
TA = +25°C14
18
Turn-On Time (Note 6)
tON
VNO_, VNC_ = 2V;
CL = 35pF, RL = 300
Ω,
Figure 1a
TA = TMIN to TMAX
20
ns
TA = +25°C6
8
Turn-Off Time (Note 6)
tOFF
VNO_, VNC_ = 2V;
CL = 35pF, RL = 300
Ω,
Figure 1a
TA = TMIN to TMAX
10
ns
TA = +25°C7
Break-Before-Make Time
(Note 6)
VNO_, VNC_ = 2V;
CL = 35pF, RL = 300
Ω,
Figure 1b
TA = TMIN to TMAX
1
ns
Charge Injection
Q
VGEN = 1.5V, RGEN = 0, CL = 1.0nF, Figure 2
11
pC
NO_, NC_ Off-Capacitance
CNO_(OFF),
CNC_(OFF)
VNO_, VNC_ = GND, f = 1MHz, Figure 3
9
pF
COM On-Capacitance
CCOM (ON) VCOM = GND, f = 1MHz, Figure 3
32
pF
CL = 5pF, RL = 50
Ω, f = 10MHz, Figure 4
-52
Off-Isolation (Note 7)
VISO
CL = 5pF, RL = 50
Ω, f = 1MHz, Figure 4
-65
dB
CL = 5pF, RL = 50
Ω, f = 10MHz, Figure 4
-66
Crosstalk (Note 8)
VCT
CL = 5pF, RL = 50
Ω, f = 1MHz, Figure 4
-67
dB
SUPPLY
Positive Supply Current
I+
V+ = 3.6V, VIN = 0 or +3.6V
0.001
1
µA
ELECTRICAL CHARACTERISTICS—Single +3V Supply (continued)
(V+ = +2.7V to +3.6V, VIH = +2.0V, VIL = +0.8V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
(Notes 2, 9)
Note 2: The algebraic convention, where the most negative value is a minimum and the most positive value a maximum, is used in
this data sheet.
Note 3:
∆RON = RON(MAX) - RON(MIN).
Note 4:
∆RON matching specifications for QFN-packaged parts are guaranteed by design.
Note 5: Flatness is defined as the difference between the maximum and minimum values of on-resistance as measured over the
specified analog signal ranges.
Note 6: Guaranteed by design.
Note 7: Off-Isolation = 20log10 (VCOM / VNO), VCOM = output, VNO = input to off switch.
Note 8: Between any two switches.
Note 9: QFN packaged parts are tested at +25°C and guaranteed by design and correlation over the entire temperature range.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com