Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED-100W Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED-100W
Description  Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED-100W Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED-100W Datasheet HTML 1Page - List of Unclassifed Manufacturers LED-100W Datasheet HTML 2Page - List of Unclassifed Manufacturers LED-100W Datasheet HTML 3Page - List of Unclassifed Manufacturers LED-100W Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-100W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Aluminum Housing
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<30.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
1.30 Amps max
Maximum Power:
100W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection reset by power cycling
Electrical Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
418,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED100W-286-C0350-XX
350
95-286
100
92%
LED100W-222-C0450-XX
450
74-222
100
92%
LED100W-143-C0700-XX
700
47-143
100
91%
LED100W-095-C1050-XX
1050
31-95
100
91%
LED100W-071-C1400-XX
1400
23-71
100
91%
LED100W-057-C1750-XX
1750
19-57
100
90%
LED100W-048-C2100-XX
2100
16-48
100
90%
LED100W-041-C2450-XX
2450
13-41
100
90%
LED100W-036-C2800-XX
2800
12-36
100
90%
LED100W-032-C3150-XX
3150
10-32
100
90%
LED100W-028-C3570-XX
3570
9-28
100
89%
LED100W-024-C4200-XX
4200
8-24
100
89%
LED100W-020-C5000-XX
5000
7-20
100
88%
LED100W-018-C5550-XX
5550
6-18
100
88%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED100W-018
18
1388-5550
100
88%
LED100W-020
20
1250-5000
100
88%
LED100W-024
24
1050-4200
100
89%
LED100W-028
28
893-3570
100
89%
LED100W-032
32
788-3150
100
90%
LED100W-036
36
700-2800
100
90%
LED100W-041
41
613-2450
100
90%
LED100W-048
48
525-2100
100
90%
LED100W-057
57
438-1750
100
90%
LED100W-071
71
350-1400
100
91%
LED100W-095
95
263-1050
100
91%
LED100W-143
143
175-700
100
91%
LED100W-222
222
113-450
100
92%
LED100W-286
286
88-350
100
92%
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. -D 0-10V Dimming is compatible with most quality 0-10V wall dimmers.
Seepage3foradditionalspecifications.
-PD: PWM Dimmable version comes with an extra two wires +Purple/-Gray on the output
side. PD PWM version is PWM Dimmable via a positive 10% to 100% Duty Cycle,
200Hzto1KHz,0-10VPulse.Seepage4foradditionalspecifications.
-XXindicatesdimmingoptionsareavailable.Seeoptionsatleft.Blank=fixedcurrentoutput
E332160
Sign Components Manual
Rev 8-31-15
• Total Power: 100 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL8750, CSA 22.2, EN61347,
EN61000-3-2, EN61000-3-3 Class C


Similar Part No. - LED-100W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-100W ETC2-LED-100W_17 Datasheet
744Kb / 3P
Switch Mode LED Drivers
More results

Similar Description - LED-100W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
Switch Mode LED Drivers
TRC-150S035ST ETC2-TRC-150S035ST Datasheet
677Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com