Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED75W-018 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED75W-018
Description  Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED75W-018 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED75W-018 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED75W-018 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED75W-018 Datasheet HTML 3Page - List of Unclassifed Manufacturers LED75W-018 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-75W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Aluminum Housing
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. -D 0-10V Dimming is compatible with most quality 0-10V wall dimmers.
Seepage3foradditionalspecifications.
-PD: PWM Dimmable version comes with an extra two wires +Purple/-Gray on the output
side. PD PWM version is PWM Dimmable via a positive 10% to 100% Duty Cycle,
200Hzto1KHz,0-10VPulse.Seepage4foradditionalspecifications.
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED75W-257-C0300-XX
300
85-257
75
91%
LED75W-200-C0350-XX
350
66-200
70
91%
LED75W-128-C0600-XX
600
42-128
75
91%
LED75W-085-C0900-XX
900
28-85
75
90%
LED75W-064-C1200-XX
1200
21-64
75
90%
LED75W-056-C1400-XX
1400
18-56
75
90%
LED75W-048-C1600-XX
1600
16-48
75
90%
LED75W-036-C2100-XX
2100
12-36
75
89%
LED75W-030-C2500-XX
2500
10-30
75
89%
LED75W-027-C2800-XX
2800
9-27
75
88%
LED75W-025-C3000-XX
3000
8-25
75
88%
LED75W-022-C3400-XX
3400
7-22
74.8
88%
LED75W-020-C3750-XX
3750
7-20
75
87%
LED75W-018-C4200-XX
4200
6-18
75
86%
LED75W-015-C5000-XX
5000
5-15
75
86%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED75W-015
15
1250-5000
75
86%
LED75W-018
18
1050-4200
75
86%
LED75W-020
20
938-3750
75
87%
LED75W-022
22
850-3400
74.8
88%
LED75W-025
25
750-3000
75
88%
LED75W-027
27
700-2800
75
88%
LED75W-030
30
625-2500
75
89%
LED75W-036
36
525-2100
75
89%
LED75W-048
48
400-1600
75
90%
LED75W-056
56
350-1400
75
90%
LED75W-064
64
300-1200
75
90%
LED75W-085
85
225-900
75
90%
LED75W-128
128
150-600
75
91%
LED75W-200
200
88-350
70
91%
LED75W-257
257
75-300
75
91%
Class 2:
US/Canada
US Only
-XXindicatesdimmingoptionsareavailable.Seeoptionsatleft.Blank=fixedcurrentoutput
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<30.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
1.00 Amps max
Maximum Power:
75W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection reset by power cycling
Environmental Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
478,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
E332160
Sign Components Manual
Rev 8-31-15
• Total Power: 75 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL8750, CSA 22.2, EN61347,
EN61000-3-2, EN61000-3-3 Class C


Similar Part No. - LED75W-018

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED750 ROITHNER-LED750 Datasheet
1Mb / 8P
Infrared LED
LED750-66-60 ROITHNER-LED750-66-60 Datasheet
135Kb / 2P
High Power LED Array
More results

Similar Description - LED75W-018

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
Switch Mode LED Drivers
TRC-150S035ST ETC2-TRC-150S035ST Datasheet
677Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com