Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED90W-048 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LED90W-048
Description  Switch Mode LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LED90W-048 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LED90W-048 Datasheet HTML 1Page - List of Unclassifed Manufacturers LED90W-048 Datasheet HTML 2Page - List of Unclassifed Manufacturers LED90W-048 Datasheet HTML 3Page - List of Unclassifed Manufacturers LED90W-048 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Specifications subject to change without notice.
Note:
LED drivers are designed and intended to operate LED loads only.
Non-LED loading may be outside the specified design limits of our
LED drivers, and therefore cannot be covered by any warranty.
If you desire to use our LED drivers to operate non-LED loads
please contact us to discuss compatibility.
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
LED-90W Series– Fixed Output and Dimmable
Switch Mode LED Drivers
Constant Current & Constant Voltage with Isolation
Black Magic Thermal Advantage™ Aluminum Housing
Electrical Specifications
Input Voltage Range:
100-277 Vac Nom. (90-305 V Min/Max)
Input Over-Voltage:
Can endure 320Vac for 48 Hrs, 350Vac for 2 Hrs
Frequency:
50/60 Hz Nom. (47-63 Hz Min/Max)
Power Factor:
>0.90 @ full load, 100V through 277V
Inrush Current:
<30.0 Amps max @ 230 Vac, cold start 25ºC
Input Current:
1.2 Amps max
Maximum Power:
90W
Current Accuracy:
± 1% Over input line variation
Load Regulation:
± 3%
THD:
<_ 20% @ full load
Leakage Current:
400 µA Typical
Hold Up Time:
Half Cycle
Protection:
Output Over-Voltage, Output Over-Current, and
Output Short Circuit Protection reset by power cycling
Electrical Specifications
Minimum Starting Temp: -30ºC
Maximum Case Temp.
90°C
Storage Temperature:
-40ºC to +85ºC
Humidity:
5% to 95%
Cooling:
Convection
Vibration Frequency:
5 to 55 Hz/2g, 30 minutes
Sound Rating:
Class A
MTBF:
418,000 Hours at full load and 40ºC ambient conditions
per MIL-217F Notice 2
EMC:
FCC 47CFR Part 15 Class B compliant
Constant Current - Product Specifications
Model Number
Output Current
(mA ±3%)
Output Voltage
Range (Vdc)
Max. Output
Power (W)
Typical
Efficiency
LED90W-257-C0350-XX
350
85-257
90
92%
LED90W-200-C0450-XX
450
66-200
90
92%
LED90W-128-C0700-XX
700
42-128
90
92%
LED90W-085-C1050-XX
1050
28-85
90
91%
LED90W-064-C1400-XX
1400
21-64
90
91%
LED90W-056-C1600-XX
1600
18-56
90
91%
LED90W-048-C1875-XX
1875
16-48
90
91%
LED90W-036-C2500-XX
2500
12-36
90
90%
LED90W-030-C3000-XX
3000
10-30
90
90%
LED90W-027-C3330-XX
3330
9-27
90
89%
LED90W-025-C3500-XX
3500
8-25
90
89%
LED90W-022-C4090-XX
4090
7-22
90
89%
LED90W-020-C4500-XX
4500
7-20
90
88%
LED90W-018-C5000-XX
5000
6-18
90
87%
LED90W-015-C6000-XX
6000
5-15
90
87%
Constant Voltage - Product Specifications
Model Number
Output Voltage
(Vdc ±5%)
Output Current
Range (mA)
Max. Output
Power (W)
Typical
Efficiency
LED90W-015
15
1500-6000
90
87%
LED90W-018
18
1250-5000
90
87%
LED90W-020
20
1125-4500
90
88%
LED90W-022
22
1023-4090
90
89%
LED90W-025
25
875-3500
90
89%
LED90W-027
27
833-3330
90
89%
LED90W-030
30
750-3000
90
90%
LED90W-036
36
625-2500
90
90%
LED90W-048
48
469-1875
90
91%
LED90W-056
56
400-1600
90
91%
LED90W-064
64
350-1400
90
91%
LED90W-085
85
263-1050
90
91%
LED90W-128
128
175-700
90
92%
LED90W-200
200
113-450
90
92%
LED90W-257
257
88-350
90
92%
-XX indicates dimming options are available. See options at left. Blank = fixed current output
Class 2:
US/Canada
US Only
Ordering Options:
-D:
0-10V & Resistance dimmable version comes with an extra two wires +Purple/-Gray on
the output side. -D 0-10V Dimming is compatible with most quality 0-10V wall dimmers.
See page 3 for additional specifications.
-PD: PWM Dimmable version comes with an extra two wires +Purple/-Gray on the output
side. PD PWM version is PWM Dimmable via a positive 10% to 100% Duty Cycle,
200Hz to 1KHz, 0-10V Pulse. See page 4 for additional specifications.
E332160
Sign Components Manual
Rev 8-31-15
• Total Power: 90 Watts
• Input Voltage: 100-277 Vac Nom.
• UL Dry & Damp Location Rated
• IP66
• High Power Factor
• UL8750, CSA 22.2, EN61347,
EN61000-3-2, EN61000-3-3 Class C


Similar Part No. - LED90W-048

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
LED910 ROITHNER-LED910 Datasheet
1,002Kb / 8P
Infrared LED
LED910-66-60 ROITHNER-LED910-66-60 Datasheet
259Kb / 1P
epoxy lens type Infrared illuminator
LED920-66-16100 ROITHNER-LED920-66-16100 Datasheet
88Kb / 1P
SUPER HIGH POWER INFRARED LED
LED940 ROITHNER-LED940 Datasheet
899Kb / 6P
Infrared LED Lamp
LED940-04A ROITHNER-LED940-04A Datasheet
144Kb / 3P
Dual LED
More results

Similar Description - LED90W-048

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LED-40W ETC2-LED-40W Datasheet
723Kb / 4P
Switch Mode LED Drivers
LED40W-130-C0300-XX-HV ETC2-LED40W-130-C0300-XX-HV Datasheet
762Kb / 4P
Switch Mode LED Drivers
LED60W-170-C0350-XX ETC2-LED60W-170-C0350-XX Datasheet
727Kb / 4P
Switch Mode LED Drivers
LED75W-257-C0300-XX ETC2-LED75W-257-C0300-XX Datasheet
730Kb / 4P
Switch Mode LED Drivers
LED-100W ETC2-LED-100W Datasheet
694Kb / 4P
Switch Mode LED Drivers
LEG-100W ETC2-LEG-100W Datasheet
550Kb / 3P
Switch Mode LED Drivers
LEG120W-343-C0350 ETC2-LEG120W-343-C0350 Datasheet
634Kb / 3P
Switch Mode LED Drivers
TRC-200S045DT ETC2-TRC-200S045DT Datasheet
610Kb / 3P
Switch Mode LED Drivers
TRV-075 ETC2-TRV-075 Datasheet
561Kb / 2P
Switch Mode LED Drivers
VLED150W-258-C0580-X-HV ETC2-VLED150W-258-C0580-X-HV Datasheet
657Kb / 4P
Switch Mode LED Drivers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com