Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLEDDC200W-040 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PLEDDC200W-040
Description  Flicker-Free LED Drivers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLEDDC200W-040 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PLEDDC200W-040 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLEDDC200W-040 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLEDDC200W-040 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLEDDC200W-040 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Thomas Research Products • 1225 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 4 of 4
SSL Solutions Faster Than The Speed Of Light®
PWM In
PWM Positive Dimming Typical Circuit
PLEDDC200W-xxx-Cxxxx-PD
PWM (+) Purple
Return (-) Gray
Notes:
1. PWM Dimmable version comes with an extra 2 wires +Purple/-Gray on the output side.
2. Below 10% Duty cycle proper dimming operation is not assured. Unit is not intended to turn off at <10% Duty Cycle.
3. PWM dimmable version output will be 100% with Purple/Gray open and minimum with Purple/Gray Shorted.
"-PD" Option: PWM Dimming
Parameters
Minimum
Typical
Maximum
Absolute Maximum Voltage Range on PWM Input (Purple Wire)
-2.0V
10V
+15V
Input LOW Level Voltage Range (Purple Wire)
-2.0
0V
+5.5V
Input HIGH Level Voltage Range (Purple Wire)
+9.0
10V
+15V
Current into PWM Input (Purple Wire)
0mA
—
1.2mA
Source Current out of PWM Input (Purple Wire)
0mA
—
2mA
PWM Input Signal Frequency
500Hz
—
1500Hz
PWM Input Signal Positive Duty Cycle
0%
10-90%
100%
0%
10%
20%
30%
40%
50%
60%
70%
80%
90% 100%
Positive Duty Cycle
Output Current / 1.0 kHz Positive Duty Cycle
0
10
20
30
40
50
60
70
80
90
100
PLEDDC200W Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com