Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

52-PV4F2B0SSG341 Datasheet(PDF) 1 Page - E-SWITCH

Part # 52-PV4F2B0SSG341
Description  ALL DIMENSIONS IN MM [INCH]
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

52-PV4F2B0SSG341 Datasheet(HTML) 1 Page - E-SWITCH

  52-PV4F2B0SSG341_15 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
PV4F2B0SSG-341
2/1
3/25/2015
52-PV4F2B0SSG341
A
MW
1
1
PANEL CUTOUT
MAX. PANEL THICKNESS
11.0mm [.433]
1
3
(+)
(-)
1
(+)
A
21813
RELEASE FOR PRODUCTION
03/25/15
MW
22.00
[.866 in]
13.40
[.528 in]
2.00
[.079 in]
28.50 .50
1.122 .020 in
[
]
38.00 .50
1.496 .020 in
[
]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X= 0.4
X.XX= 0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. CONTACT MATERIAL: GOLD
5. RATING: 2A 48VDC
6. ELECTRIC LIFE: 50,000 MAKE-AND-BREAK CYCLES
AT FULL LOAD.
7. INSULATION RESISTANCE: 1,000 M
MIN.
8. DIELECTRIC STRENGTH: 2,000 VAC MIN. FOR 1 MINUTE
9. CONTACT RESISTANCE: 50m
MAX. @ 1A 12VDC
10. OPERATING TEMP.: -20 C to 55 C
11.
DENOTES CRITICAL PARAMETER.
12. LAMP VOLTAGE: 20mA 2.8V
13. INGRESS PROTECTION: IP65
14. HARDWARE SUPPLIED: O-RING AND HEXNUT
15. ILLUMINATION COLOR: BLUE
16. TRAVEL: 2.8mm
19.00
[.748 in]
POS. 1
POS. 2
SWITCH FUNCTION
(ON)
ON
1-3
1-2
(ON) = MOMENTARY
RING ILLUMINATION
FLAT ACTUATOR
NOTE 14
HARDWARE SUPPLIED
ACTUATOR FINISH
STAINLESS STEEL
BODY FINISH
STAINLESS STEEL
M19x1.0
5.00
[.197 in]
5.00
[.197 in]
2.50
[.098 in]
1
3
1
2
(-)
(+)
SPDT
CONTACT CONFIGURATION
2.80
[.110 in]
12.00
[.472 in]
.50
[.020 in]


Similar Part No. - 52-PV4F2B0SSG341_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
52-PV4F2B0SSG341 E-SWITCH-52-PV4F2B0SSG341 Datasheet
167Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - 52-PV4F2B0SSG341_15

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
T700103 E-SWITCH-T700103 Datasheet
30Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T700203 E-SWITCH-T700203 Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T700400 E-SWITCH-T700400 Datasheet
31Kb / 1P
ALL DIMENSIONS IN MM [INCH]
T800300 E-SWITCH-T800300 Datasheet
66Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T800501 E-SWITCH-T800501 Datasheet
41Kb / 1P
ALL DIMENSIONS IN MM[INCH]
T811002 E-SWITCH-T811002 Datasheet
76Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0106P E-SWITCH-XR0106P Datasheet
35Kb / 1P
ALL DIMENSIONS IN MM[INCH]
XR0108P E-SWITCH-XR0108P Datasheet
33Kb / 1P
ALL DIMENSIONS IN MM[INCH]
B401000 E-SWITCH-B401000 Datasheet
154Kb / 1P
ALL DIMENSIONS IN MM [INCH]
B401006 E-SWITCH-B401006 Datasheet
203Kb / 1P
ALL DIMENSIONS IN MM [INCH]
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com