Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX4612ASD Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4612ASD
Description  Low-Voltage, Quad, SPST CMOS Analog Switches
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4612ASD Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4612ASD Datasheet HTML 1Page - Maxim Integrated Products MAX4612ASD Datasheet HTML 2Page - Maxim Integrated Products MAX4612ASD Datasheet HTML 3Page - Maxim Integrated Products MAX4612ASD Datasheet HTML 4Page - Maxim Integrated Products MAX4612ASD Datasheet HTML 5Page - Maxim Integrated Products MAX4612ASD Datasheet HTML 6Page - Maxim Integrated Products MAX4612ASD Datasheet HTML 7Page - Maxim Integrated Products MAX4612ASD Datasheet HTML 8Page - Maxim Integrated Products MAX4612ASD Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Low-Voltage, Quad, SPST
CMOS Analog Switches
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Single +5V Supply
(V+ = +5V ±10%, VIN_H = 2.4V, VIN_L = 0.8V, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND)
V+ ...........................................................................-0.3V to +13V
IN_, COM_, NO_, NC_ (Note 1)....................-0.3V to (V + +0.3V)
Continuous Current (any terminal)
(pulsed at 1ms, 10% duty cycle) .....................................20mA
Peak Current (any terminal)
(pulsed at 1ms, 10% duty cycle) .....................................40mA
ESD per Method 3015.7.......................................................>2kV
Continuous Power Dissipation (TA = +70°C)
14-Pin TSSOP (derate 6.3mW/°C above +70°C) ..........500mW
14-Pin Narrow SO (derate 8.00mW/°C above +70°C) ..640mW
14-Pin Plastic DIP (derate 10.00mW/°C above +70°C) ..800mW
16-Pin QFN (derate 18.5mW/°C above +70°C) ..........1481mW
Operating Temperature Ranges
MAX461_C_ _ ......................................................0°C to +70°C
MAX461_E_ _....................................................-40°C to +85°C
MAX461_A_ _ .................................................-40°C to +125°C
Storage Temperature Range .............................-65°C to +160°C
Lead Temperature (soldering, 10s) .................................+300°C
V+ = 5.5V;
VCOM_ = 1V, 4.5V;
VNO = 4.5V, 1V
V+ = 4.5V,
ICOM_ = 1mA,
VNO_ = VNC_= 3V
V+ = 4.5V;
ICOM_ = 1mA;
VNO_ = VNC_= 3V,
2V, 1V
CONDITIONS
nA
INO(OFF)
NO or NC Off-Leakage
Current (Note 6)
-30
30
-0.1
0.1
Ω
25
RFLAT(ON)
On-Resistance Flatness
(Note 5)
V
0V+
VCOM_,
VNO_,
VNC_
Analog Signal Range
(Note 3)
12
18
Ω
∆RON
On-Resistance Match
Between Channels (Note 4)
1.0
4
70
100
UNITS
MIN
TYP
MAX
(Note 2)
SYMBOL
PARAMETER
TA = +25°C
TA = +25°C
TA = +25°C
TA = TMIN to TMAX
TA = +25°C
TA = -40°C to +125°C
V+ = 5.5V;
VCOM_ = 1V, 4.5V;
VNO_ = VNC_= 4.5V, 1V
TA = +25°C
nA
ICOM(OFF)
COM Off-Leakage Current
(Note 6)
-30
30
TA = -40°C to +125°C
-0.1
0.1
V+ = 5.5V;
VCOM = 1V, 4.5V;
VNO_ = VNC_= 1V, 4.5V,
or floating
nA
ICOM(ON)
COM On-Leakage Current
(Note 6)
TA = +25°C
-0.2
0.2
On-Resistance
RON
Ω
V+ = 4.5V,
ICOM_ = 1mA,
VNO_ = VNC_= 3V
Note 1: Signals on NO_, NC_, COM_, or IN_ exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to
maximum current rating.
TA = TMIN to TMAX
8
150
TA = TMIN to TMAX
-30
30
TA = -40°C to +125°C
-4
4
TA = -40°C to +85°C
-2
2
TA = -40°C to +85°C
-2
2
TA = -40°C to +85°C
ANALOG SWITCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com