Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M241 Datasheet(PDF) 3 Page - Solid State Optronic

Part # M241
Description  Miniature 4 pin SOP package
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

M241 Datasheet(HTML) 3 Page - Solid State Optronic

  M241 Datasheet HTML 1Page - Solid State Optronic M241 Datasheet HTML 2Page - Solid State Optronic M241 Datasheet HTML 3Page - Solid State Optronic M241 Datasheet HTML 4Page - Solid State Optronic M241 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
M241
1 Form A
Solid State Relay
PERFORMANCE DATA
0
10
20
30
40
0
0.040.040.040.050.050.050.05
Turn-Off Tim e (ms)
M241
Typical Turn-Off Time Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
4.4
4.5
4.6
4.7
4.8
4.9
5
5.1
On-Resistance (ohms)
M241
0
10
20
30
40
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
Leakage Current (uA)
Typical On-Resistance Distribution
N = 100, Ambient Temperature = 25°C
M241
Typical Leakage Current Distribution
N = 100, Ambient Temperature = 25°C
0
10
20
30
40
190 200 210 220 230 240 250 260
Blocking Voltage (V)
M241
0
50
100
150
200
Temperature (C)
Typical Blocking Voltage Distribution
N = 100, Ambient Temperature = 25°C
M241
Maximum Load Current vs. Temperature
0
10
20
30
40
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Turn-On Tim e (ms)
M241
Typical Turn-On Time Distribution
N = 100, Ambient Temperature = 25°C
www.ssousa.com • +1.408.293.4600
Page 3 of 5
M241
rev 1.43 (2/9/2010)
© 2010 Solid State Optronics • San José, CA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com