Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV707P Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV707P
Description  TLV707xx, TLV707xxP 200-mA, Low-IQ, Low-Noise, Low-Dropout Regulator for Portable Devices
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV707P Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV707P Datasheet HTML 17Page - Texas Instruments TLV707P Datasheet HTML 18Page - Texas Instruments TLV707P Datasheet HTML 19Page - Texas Instruments TLV707P Datasheet HTML 20Page - Texas Instruments TLV707P Datasheet HTML 21Page - Texas Instruments TLV707P Datasheet HTML 22Page - Texas Instruments TLV707P Datasheet HTML 23Page - Texas Instruments TLV707P Datasheet HTML 24Page - Texas Instruments TLV707P Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
Time (100 s/div)
m
V
O
I
O
1 mA
150 mA
Time (100 s/div)
m
V
O
V
I
10
10M
Frequency (Hz)
90
80
70
60
50
40
30
20
10
0
100
1k
10k
100k
1M
I = 30 mA
I = 150 mA
O
O
10
10M
Frequency (Hz)
100
10
1
0.1
0.01
0.001
100
1k
10k
100k
1M
5 V
2.8 V
1.2 V
TLV707, TLV707P
www.ti.com
SBVS153D – FEBRUARY 2011 – REVISED JANUARY 2015
Although an input capacitor is not required for stability, good analog design practice is to connect a 0.1-
μF to
1.0-
μF, low ESR capacitor across the IN pin and GND pin of the regulator. This capacitor counteracts reactive
input sources and improves transient response, noise rejection, and ripple rejection. A higher-value capacitor
may be necessary if large, fast rise-time load transients are anticipated, or if the device is not located close to the
power source. If source impedance is more than 2-
Ω, a 0.1-μF input capacitor may be necessary to ensure
stability.
9.2.2.2 Dropout Voltage
The TLV707 series of LDOs use a PMOS pass transistor to achieve low dropout. When (VI – VO) is less than the
dropout voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output
resistance is the RDS(ON) of the PMOS pass element. VDO scales approximately with output current because the
PMOS device functions similar to a resistor in dropout.
As with any linear regulator, PSRR and transient response are degraded when (VI – VO) approaches dropout.
9.2.2.3 Transient Response
As with any regulator, increasing the size of the output capacitor reduces over- and undershoot magnitude but
increases the duration of the transient response.
9.2.3 Application Curves
VO = 1.2 V
Figure 60. Power-Supply Ripple Rejection vs Frequency
Figure 61. Output Spectral Noise Density vs Frequency
VO = 1.2 V
VO = 1.2 V
IO = 150 mA
Figure 62. Load Transient Response
Figure 63. Line Transient Response
Copyright © 2011–2015, Texas Instruments Incorporated
Submit Documentation Feedback
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com