Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD601 Datasheet(PDF) 2 Page - Solid State Optronic

Part # MD601
Description  Compact 6 pin DIP/SMD package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

MD601 Datasheet(HTML) 2 Page - Solid State Optronic

  MD601 Datasheet HTML 1Page - Solid State Optronic MD601 Datasheet HTML 2Page - Solid State Optronic MD601 Datasheet HTML 3Page - Solid State Optronic MD601 Datasheet HTML 4Page - Solid State Optronic MD601 Datasheet HTML 5Page - Solid State Optronic MD601 Datasheet HTML 6Page - Solid State Optronic MD601 Datasheet HTML 7Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
© 2013 Solid State Optronics • San José, CA
www.ssousa.com • +1.408.293.4600
Page 2 of 7
MD601 /H/S/TR
Rev 2.00 (11/12/2013)
001711
MD601
Optically Coupled
MOSFET Driver
w/Discharge Circuit
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Input Specifications
LED Forward Voltage
VF
-
2.4
2.6
V
IF = 10mA
LED Reverse Voltage
BVR
5
-
-
V
IR = 10μA
Reverse Leakage Current
IInRleak
-
-
10
A
VR = 5V
Turn-On Current
IF
-
5
10
mA
VOUT = 5V
Turn-Off Current
IF(OFF)
-
0.5
-
mA
VOUT = 2V
Output Specifications
Open Circuit Voltage
VOC
6
6.3
-
V
IF = 10mA
Short Circuit Voltage
ISC
3
4
-
A
IF = 10mA
Isolation Specifications
Isolation Voltage
VISO
3750
-
-
VRMS
RH ≤ 50%, t=1min
(-H Option)
5000
-
-
Input-Output Resistance
RI-O
-
10
12
-

VI-O = 500VDC
Electrical Characteristics, TA = 25°C (unless otherwise specified)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com