Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPS717 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS717
Description  TPS717xx Low-Noise, High-Bandwidth PSRR,Low-Dropout, 150-mA Linear Regulator
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS717 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS717 Datasheet HTML 9Page - Texas Instruments TPS717 Datasheet HTML 10Page - Texas Instruments TPS717 Datasheet HTML 11Page - Texas Instruments TPS717 Datasheet HTML 12Page - Texas Instruments TPS717 Datasheet HTML 13Page - Texas Instruments TPS717 Datasheet HTML 14Page - Texas Instruments TPS717 Datasheet HTML 15Page - Texas Instruments TPS717 Datasheet HTML 16Page - Texas Instruments TPS717 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
t
=160 s+(540xC
)
START
m
NRnF
s
m
ms
nF
TPS717
www.ti.com
SBVS068H – FEBRUARY 2006 – REVISED JANUARY 2015
Feature Description (continued)
For output voltages below 1.6 V, a voltage divider on the band-gap reference voltage is employed to optimize
output regulation performance for lower output voltages. This configuration results in an additional resistor in the
quick-start path and combined with the noise reduction capacitor (CNR) results in slower start-up times for output
voltages below 1.6 V.
Equation 1 approximates the start-up time as a function of CNR for output voltages below 1.6 V:
(1)
7.3.4 Undervoltage Lockout (UVLO)
The TPS717xx uses an undervoltage lockout circuit to keep the output shut off until the internal circuitry is
operating properly. The UVLO circuit has a limited glitch immunity so undershoot transients are typically ignored
on the input if these transients are less than 5
μs in duration.
7.3.5 Minimum Load
The TPS717xx is stable with no output load. Traditional PMOS LDO regulators suffer from lower loop gain at
very light output loads. The TPS717xx employs an innovative low-current mode circuit to increase loop gain
under very light or no-load conditions, resulting in improved output voltage regulation performance down to zero
output current.
7.3.6 Thermal Protection
Thermal protection disables the output when the junction temperature rises to approximately 160°C, allowing the
device to cool. When the junction temperature cools to approximately 140°C the output circuitry is again enabled.
Depending on power dissipation, thermal resistance, and ambient temperature, the thermal protection circuit can
cycle on and off. This cycling limits the dissipation of the regulator, protecting it from damage because of
overheating.
Any tendency to activate the thermal protection circuit indicates excessive power dissipation or an inadequate
heatsink. For reliable operation, limit junction temperature to 125°C maximum. To estimate the margin of safety
in a complete design (including heatsink), increase the ambient temperature until the thermal protection is
triggered; use worst-case loads and signal conditions. For good reliability, trigger thermal protection at least 35°C
above the maximum expected ambient condition of a particular application. This configuration produces a worst-
case junction temperature of 125°C at the highest expected ambient temperature and worst-case load.
The internal protection circuitry of the TPS717xx is designed to protect against overload conditions. This circuitry
is not intended to replace proper heatsinking. Continuously running the TPS717xx into thermal shutdown
degrades device reliability.
7.4 Device Functional Modes
7.4.1 Normal Operation
The device regulates to the nominal output voltage under the following conditions:
•
The input voltage has previously exceeded the UVLO rising voltage and has not decreased below the UVLO
falling threshold.
•
The input voltage is greater than the nominal output voltage added to the dropout voltage.
•
The enable voltage has previously exceeded the enable rising threshold voltage and has not decreased
below the enable falling threshold.
•
The output current is less than the current limit.
•
The device junction temperature is less than the maximum specified junction temperature.
Copyright © 2006–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TPS717



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com