Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BLF2425M7L100 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLF2425M7L100
Description  Power LDMOS transistor
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLF2425M7L100 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLF2425M7L100_15 Datasheet HTML 1Page - NXP Semiconductors BLF2425M7L100_15 Datasheet HTML 2Page - NXP Semiconductors BLF2425M7L100_15 Datasheet HTML 3Page - NXP Semiconductors BLF2425M7L100_15 Datasheet HTML 4Page - NXP Semiconductors BLF2425M7L100_15 Datasheet HTML 5Page - NXP Semiconductors BLF2425M7L100_15 Datasheet HTML 6Page - NXP Semiconductors BLF2425M7L100_15 Datasheet HTML 7Page - NXP Semiconductors BLF2425M7L100_15 Datasheet HTML 8Page - NXP Semiconductors BLF2425M7L100_15 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BLF2425M7L100_2425M7LS100
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 1 — 6 December 2013
3 of 13
NXP Semiconductors
BLF2425M7L(S)100
Power LDMOS transistor
6.
Characteristics
7.
Test information
7.1 Ruggedness in class-AB operation
The BLF2425M7L100 and BLF2425M7LS100 are capable of withstanding a load
mismatch corresponding to VSWR = 10 : 1 through all phases under the following
conditions: VDS =28 V; IDq =900 mA; PL = 100 W (CW); f = 2300 MHz.
Table 6.
DC characteristics
Tj = 25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max Unit
V(BR)DSS drain-source breakdown voltage
VGS =0 V; ID =1mA
65
-
-
V
VGS(th)
gate-source threshold voltage
VDS =10 V; ID = 150 mA
1.5
1.8
2.3
V
IDSS
drain leakage current
VGS =0 V; VDS =28V
-
-
5
A
IDSX
drain cut-off current
VGS =VGS(th) +3.75 V;
VDS =10 V
25.1
29
-
A
IGSS
gate leakage current
VGS =11 V; VDS = 0 V
-
-
500
nA
gfs
forward transconductance
VDS =10 V; ID =5.35A
-
10.5 -
S
RDS(on)
drain-source on-state resistance
VGS =VGS(th) + 3.75 V;
ID =5.25A
-0.1
-
Table 7.
RF characteristics
Test signal: single carrier IS-95 with pilot, paging, sync and 6 traffic channels (Walsh codes 8 - 13).
PAR = 9.7 dB at 0.01 % probability on the CCDF, channel bandwidth is 1.2288 MHz; f1 =2300MHz;
f2 = 2400 MHz; RF performance at VDS =28V; IDq = 900 mA; Tcase =25 C; unless otherwise
specified; in a class-AB production test circuit.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Gp
power gain
PL(AV) =20 W
17.3
18
-
dB
RLin
input return loss
PL(AV) =20 W
-
14
-
dB
D
drain efficiency
PL(AV) =20 W
22
27
-
%
ACPR885k
adjacent channel power ratio (885 kHz) PL(AV) =20 W
-
46
40
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com