Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZD5225AS2 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # ZD5225AS2
Description  200mW SOD-323 Zener Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

ZD5225AS2 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  ZD5225AS2 Datasheet HTML 1Page - Cystech Electonics Corp. ZD5225AS2 Datasheet HTML 2Page - Cystech Electonics Corp. ZD5225AS2 Datasheet HTML 3Page - Cystech Electonics Corp. ZD5225AS2 Datasheet HTML 4Page - Cystech Electonics Corp. ZD5225AS2 Datasheet HTML 5Page - Cystech Electonics Corp. ZD5225AS2 Datasheet HTML 6Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
CYStech Electronics Corp.
Spec. No. : C326S2-C
Issued Date : 2009.02.16
Revised Date :2015.06.04
Page No. : 2/6
ZD5221AS2 series
CYStek Product Specification
Symbol
Outline
Absolute Maximum Ratings(Ta=25℃, unless otherwise specified)
 Maximum Temperatures
Storage Temperature
Tstg.................................................................................................... -65~+150 C
Junction Temperature Tj………………………………………………………………….. -65~ +150 C
 Maximum Power Dissipation
Total Power Dissipation
Ptot (Note 1) ........................................................................................ 200 mW
 Thermal Resistance, Junction to Ambient Air RθJA……………………………………….…….625℃/W
 Thermal Resistance, Junction to Case RθJC……………………………………….……………..400℃/W
Note 1: Parts mounted on ceramic board with area of 25mm².
Electrical Characteristics (TA=25℃ unless otherwise noted, VF=0.9V Max @IF=10mA for all types.)
Symbol
Parameter
VZ
Reverse zener voltage @ IZT
IZT
Reverse current
ZZT
Maximum zener impedance @ IZT
IZK
Reverse current
ZZK
Maximum zener impedance @ IZK
IR
Reverse leakage current @ VR
VR
Reverse voltage
SOD-323
-
+



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com