Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5003EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5003EEE
Description  High-Voltage PWM Power-Supply Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5003EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5003EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5003EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
stress on the switch. A FET with the lowest total charge
and the lowest RDS(ON) for the maximum drain voltage
expected (plus some safety factor) is the best choice.
The choice of package is a function of the application,
the total power, and the cooling methods available.
Transformer
Transformer parameters, once calculated in the design
process, can be used to find standard parts whenever
possible. The most important factors are the saturation
current, primary inductance, leakage inductance turns
ratio, and losses. Packaging and EMI generation and
susceptibility are closely connected, and must be con-
sidered. In general, parts with exposed air gaps (not
contained inside the magnetic structure) will generate
the most radiated EMI, and might need external shield-
ing. If the design is in high-voltage power supplies, the
insulation specifications are also important. Pay close
attention if the circuitry is galvanically connected to the
mains at any point, since serious safety and regulatory
issues might exist.
Capacitors
As in any high-frequency power circuit, the capacitors
used for filtering must meet very low ESR and ESL
requirements. At the 300kHz frequency (of which the
MAX5003 is capable), the most favorable technologies
are ceramic capacitors and organic semiconductor (OS
CON) capacitors. The temperature dependence of the
capacitance value and the ESR specification is important,
particularly if the ESR is used as part of the compensation
network for the feedback loop. If using through-hole-
mounted parts, keep lead length as short as practical.
Components with specifications for switching power con-
verters are preferred. Decoupling capacitors must be
mounted close to the IC.
Diodes
The choice of rectifier diodes depends on the output
voltage range of the particular application. For low-volt-
age converters, the diode drop is a significant portion
of the total loss, and must be kept to a minimum. In
those cases, Schottky diodes are the preferred compo-
nent for the design. At higher voltages, ultra-fast recov-
ery diodes must be used, since Schottky components
will not satisfy the reverse voltage specification.
For all cases, the specifications to be determined
before choosing a diode are the peak current, the aver-
age current, the maximum reverse voltage, and the
maximum acceptable rectification losses. Once a type
is identified, a thermal analysis of the diode losses vs.
total thermal resistance (from junction to ambient) must
be carried out if the total power involved is significant.
Industrial-frequency (60Hz) rectifiers are not recom-
mended for any function in these converters, due to
their high capacitance and recovery losses. If using
overdimensioned rectifiers, the junction capacitance
influence must be reviewed.
High-Voltage PWM
Power-Supply Controller
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1999 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.
___________________Chip Information
TRANSISTOR COUNT: 1050
SUBSTRATE CONNECTED TO GND
MANUFACTURER
PHONE
DEVICE TYPE
Current-Sense Resistors
Dale-Vishay
402-564-3131
Power FETs
Fairchild
408-822-2000
International Rectifier
310-322-3333
Motorola
303-675-2140
Diodes
Central Semiconductor
516-435-1110
Transistors
Central Semiconductor
516-435-1110
FAX
402-563-6418
408-822-2102
310-322-3332
303-675-2150
516-435-1824
516-435-1824
Capacitors
Sanyo
619-661-6835
619-661-1055
Taiyo Yuden
408-573-4150
408-573-4159
AVX
803-946-0690
803-626-3123
Coils
Coiltronics
561-241-7876
561-241-9339
Table 1. Component Manufacturers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com