Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5035 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5035
Description  1A, 76V, High-Efficiency MAXPower Step-Down DC-DC Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5035 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5035 Datasheet HTML 9Page - Maxim Integrated Products MAX5035 Datasheet HTML 10Page - Maxim Integrated Products MAX5035 Datasheet HTML 11Page - Maxim Integrated Products MAX5035 Datasheet HTML 12Page - Maxim Integrated Products MAX5035 Datasheet HTML 13Page - Maxim Integrated Products MAX5035 Datasheet HTML 14Page - Maxim Integrated Products MAX5035 Datasheet HTML 15Page - Maxim Integrated Products MAX5035 Datasheet HTML 16Page - Maxim Integrated Products MAX5035 Datasheet HTML 17Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
1A, 76V, High-Efficiency MAXPower
Step-Down DC-DC Converter
______________________________________________________________________________________
13
VIN (V)
VOUT (V)
IOUT (A)
EXTERNAL COMPONENTS
3.3
1
CIN = 220µF, Panasonic, EEVFK1E221P
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 274k
Ω ±1%, 0805
D1 = B220, Diodes Inc.
L1 = 100µH, Coilcraft Inc., DO5022P-104
9 to 14
51
CIN = 220µF, Panasonic, EEVFK1E221P
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 274k
Ω ±1%, 0805
D1 = B220, Diodes Inc.
L1 = 100µH, Coilcraft Inc., DO5022P-104
3.3
1
CIN = 220µF, Panasonic, EEVFK1H221P
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 130k
Ω ±1%, 0805
D1 = MBRS2040, ON Semiconductor
L1 = 100µH, Coilcraft Inc., DO5022P-104
51
CIN = 220µF, Panasonic, EEVFK1H221P
COUT = 68µF, Vishay Sprague, 594D686X_010C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 130k
Ω ±1%, 0805
D1 = MBRS2040, ON Semiconductor
L1 = 100µH, Coilcraft Inc., DO5022P-104
18 to 36
12
1
CIN = 220µF, Panasonic, EEVFK1H221P
COUT = 15µF, Vishay Sprague, 594D156X_0025C2T
CBST = 0.1µF, 0805
R1 = 1M
Ω ±1%, 0805
R2 = 130k
Ω ±1%, 0805
D1 = MBRS2040, ON Semiconductor
L1 = 220µH, Coilcraft Inc., DO5022P-224
Table 2. Typical External Components Selection (Circuit of Figure 2) (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com