Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP674-R Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QBLP674-R
Description  PLCC2 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP674-R Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QBLP674-R Datasheet HTML 1Page - List of Unclassifed Manufacturers QBLP674-R Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP674-R Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP674-R Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP674-R Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP674-R Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP674-R Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP674-R Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP674-R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
QBLP674-XX Series
3014 PLCC2 LED
-----------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP674-XX Series
Date: August 29, 2014
Page 5 of 12
Version# 2.3
Dominant Wavelength λ
D for Blue @ IF=20mA
Bin
Min.
Max.
Unit
G
465
467.5
nm
H
467.5
470
I
470
472.5
J
472.5
475
Dominant Wavelength λ
D for Green @ IF=20mA
Bin
Min.
Max.
Unit
U
520
522.5
nm
V
522.5
525
W
525
527.5
X
527.5
530
Dominant Wavelength λ
D for Red @ IF=20mA
Bin
Min.
Max.
Unit
s
615
620
nm
t
620
625
u
625
630
Dominant Wavelength λ
D for Yellow Green @ IF=20mA
Bin
Min.
Max.
Unit
h
565
568
nm
i
568
572
j
572
576
Dominant
Wavelength λ
D for Yellow @ IF=20mA
Bin
Min.
Max.
Unit
m
585
590
nm
n
590
595
Dominant Wavelength λ
D for Orange @ IF=20mA
Bin
Min.
Max.
Unit
p
600
605
nm
q
605
610
Dominant Wavelength λ
D for Deep Red @ IF=20mA
Bin
Min.
Max.
Unit
v
630
635
nm
w
635
650



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com