Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBLP679-RK Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # QBLP679-RK
Description  PLCC6 LED
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBLP679-RK Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button QBLP679-RK Datasheet HTML 2Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 3Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 4Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 5Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 6Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 7Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 8Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 9Page - List of Unclassifed Manufacturers QBLP679-RK Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
QBLP679-XXK_series
PLCC6 LED
---------------------------------------------------------------------------------------------------------------------------------------
Product: QBLP679-XXK_series
Date: March 27, 2014
Page 6 of 12
Version# 2.0
Dominant Wavelength λ
D for Blue @ IF=60mA
Bin
Min.
Max.
Unit
D
462.5
467.5
nm
E
467.5
472.5
Dominant Wavelength λ
D for True Green @ IF=60mA
Bin
Min.
Max.
Unit
G
520
525
nm
H
525
530
I
530
535
Dominant Wavelength λ
D for Red @ IF=60mA
Bin
Min.
Max.
Unit
C
620
625
nm
D
625
630
Dominant Wavelength λ
D for Yellow @ IF=60mA
Bin
Min.
Max.
Unit
m
585
590
nm
n
590
595
Dominant Wavelength λ
D for Orange @ IF=60mA
Bin
Min.
Max.
Unit
p
600
605
nm
q
605
610
Dominant Wavelength λ
D for Deep Red @ IF=60mA
Bin
Min.
Max.
Unit
v
630
635
nm
w
635
650
Note:
Tolerance of measurement of forward voltage: ±0.05V
Tolerance of measurement of luminous intensity: ±15%
Tolerance of measurement of dominant wavelength: ±1nm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com