Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QBTS390IB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QBTS390IB
Description  0.39inch Three Digit Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QBTS390IB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QBTS390IB Datasheet HTML 1Page - List of Unclassifed Manufacturers QBTS390IB Datasheet HTML 2Page - List of Unclassifed Manufacturers QBTS390IB Datasheet HTML 3Page - List of Unclassifed Manufacturers QBTS390IB Datasheet HTML 4Page - List of Unclassifed Manufacturers QBTS390IB Datasheet HTML 5Page - List of Unclassifed Manufacturers QBTS390IB Datasheet HTML 6Page - List of Unclassifed Manufacturers QBTS390IB Datasheet HTML 7Page - List of Unclassifed Manufacturers QBTS390IB Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
QBTS39ZXX
0.39” Three Digit Display
Product: QBTS39ZXX
Date: June 24, 2011
Page 2 of 8
Version# 1.0
Electrical / Optical Characteristic: (T=25 oC)
Product
Material
Color
IF(mA)
VF(V)
λ(nm)
IV(mcd)
CA
CC
Typ.
Min.
Max.
Typ.
QBTS390R
QBTS391R
AllnGaP
Red
20
2.0
619
629
60
QBTS390Y
QBTS391Y
AllnGaP
Yellow
20
2.0
585
595
35
QBTS390AG QBTS391AG
AllnGaP
Yellow Green
20
2.0
566
574
25
QBTS390IB
QBTS391IB
InGaN
Blue
20
3.0
460
470
200
QBTS390IG QBTS391IG
InGaN
Green
20
3.0
520
535
200
Absolute Maximum Rating:
Material
Pd (mW)
Derating linear
from 25C per dice
(mA/C)
IF (mA) VR (V)
TOP (
oC)
TST (
oC)
TSOL (
oC)**
AllnGaP
70
0.28
25
5
-40 to + 105 -40 to +105
260
InGaP
120
0.3
30
5
-40 to +105 -40 to +105
260
*Duty 1/10 @ 1KHz
** IR Reflow for no more than 5 sec @ 260
oC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com