Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

99080 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 99080
Description  AC LED Technology by Lynk Labs Compatible with Phase-cut Dimmers 5 yr. Warranty
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

99080 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  99080 Datasheet HTML 1Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 2Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 3Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 4Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 5Page - List of Unclassifed Manufacturers 99080 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Pg 5 of 6
SSL Solutions Faster Than The Speed Of Light®
Typical Electrical & Optical Characteristic Curves:
100V
Relative Power / Voltage
105V
110V
115V
120V
125V
130V
Relative Luminous Flux / Voltage
0%
40%
20%
100%
80%
60%
120%
100V
105V
110V
115V
120V
125V
130V
0%
40%
20%
100%
80%
60%
120%
Lumen Thermal De-Rating Curve
(Ta=25°C)
25° 30° 35° 40° 45° 50° 55° 60° 65°
75°
70°
80° 85°
70%
80%
75%
95%
90%
85%
100%
(°C)
20W 80mm 120V Dual Round
AC LED Light Engine
AC LED BY LYNK LABS



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com