Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

98021 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 98021
Description  LED Light Engine, 4.7??Round Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

98021 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  98021 Datasheet HTML 1Page - List of Unclassifed Manufacturers 98021 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Thomas Research Products • 1215 Bowes Rd • Elgin, IL 60123 • T 847-515-3057 • F 847-515-3047 • www.trpssl.com
Specifications subject to change without notice. Trademarks are property of their respective owners.
DC IN
Red (+) 12” #22AWG
Blue (-) 12” #22AWG
LED 13
LED 25
LED 37
LED 14
LED 15
LED 1
LED 26
LED 38
LED 49
LED 39
LED 16
LED 17
LED 2
LED 27
LED 40
LED 50
LED 41
LED 29
LED 18
LED 3
LED 4
LED 28
LED 42
LED 51
LED 52
LED 43
LED 30
LED 19
LED 5
LED 6
LED 31
LED 44
LED 54
LED 55
LED 53
LED 21
LED 20
LED 7
LED 8
LED 32
LED 45
LED 57
LED 58
LED 56
LED 22
LED 10
LED 9
LED 33
LED 46
LED 59
LED 47
LED 23
LED 12
LED 11
LED 34
LED 35
LED 24
LED 36
LED 60
LED 48
4.45 [113.03]
0.23 [5.84]
Ø 4.70
[119.38]
Drawing N0900-0165-R01
Tc
0.15
[3.81]
R 0.07
[1.78]
Ø 4.4 [111.76] B.C.
For Cutouts
0.50
[12.7]
IN [mm]
Height:
0.062 [1.58] FR-4 PCB
0.020 [0.5] LEDs
0.082 [2.08] TOTAL
LED Light Engine, 4.7” Round Module
Constant-Current DC Array, 12 LED Series x 5 Parallel Strings
Engineered by Norlux
60 Nichia LEDs
5 yr. Warranty
4.7 Inch Round DC LED Module @ 450mA
Model
Number
Total Board
Power (W)
Total
Current (mA)
Color
Temp (K)
Lumens
(± 15%)
Board
LPW
98021
16.2
450
2700
1,970
122
98022
16.2
450
3000
2,100
130
98023
16.2
450
3500
2,200
136
98024
16.2
450
4000
2,265
140
98027
16.2
450
5000
2,335
144
Dimensions:
Specifications
Driver Type:
Constant-Current
Drive Current:
450mA Nominal
Nom. Forward Voltage:
35.9V
Total Board Power:
16.2W Nominal
Life:
50,000 Hrs, 70% lumen maint.
@ Ta max 40ºC, used as specified
Max Junction Temp:
90°C
Max Test Point Temp:
80°C
Operating Temp:
-40ºC to +60ºC Ambient
Storage Temp:
-40ºC to +80ºC
Viewing Angle (FWHM):
120° Lambertian distribution
CRI:
83 typical
• Designed for easy use in standard luminaires
• Tight LED pitch eliminates pixelization, no complex lens or optics required
• Color: ¼ ANSI Binning, 3 Step MacAdam Ellipse
• Suggested Applications: Commercial or Residential Downlights
• Customizable: Engines can be modified to your application. Contact us.
Rev 5-14-15
MADE IN USA
Of Imported And Domestic Components
For Poke-In Connectors, use
#24-18 AWG stranded or solid wire
Connectivity Options
Suffix
Connection
(blank)
12 IN, #22 AWG Stranded Leads
-01
No Leads
-02
Push-in Connectors


Similar Part No. - 98021

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
9802 RHOPOINT-9802 Datasheet
54Kb / 2P
Surface Mount Reed Relays
logo
List of Unclassifed Man...
9802 ETC2-9802 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
logo
Belden Inc.
9802 BELDEN-9802 Datasheet
146Kb / 2P
Electronic, 2 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
logo
Heyco.
9802 HEYCO-9802 Datasheet
129Kb / 1P
Heyco® Metal Locknuts
logo
Belden Inc.
9802-0101000 BELDEN-9802-0101000 Datasheet
146Kb / 2P
Electronic, 2 C #20 Sol TC, PO Ins, OS, PO Jkt
05-05-2023
More results

Similar Description - 98021

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
W709 LUMINIS-W709 Datasheet
897Kb / 3P
LED light engine.
W786 LUMINIS-W786 Datasheet
866Kb / 3P
LED light engine.
logo
List of Unclassifed Man...
98000 ETC2-98000 Datasheet
596Kb / 2P
LED Light Engine, 11??Linear Module
98006 ETC2-98006 Datasheet
683Kb / 2P
LED Light Engine, 10.2??Fingerboard Module
98013 ETC2-98013 Datasheet
607Kb / 2P
LED Light Engine, 3.0??Round Module
98017 ETC2-98017 Datasheet
605Kb / 2P
LED Light Engine, 3.7??Round Module
98025 ETC2-98025 Datasheet
638Kb / 2P
LED Light Engine, 7??Canopy Module
98026 ETC2-98026 Datasheet
615Kb / 2P
LED Light Engine, 23??Linear Module
98034 ETC2-98034 Datasheet
655Kb / 2P
LED Light Engine, 2.5??Rectangle Module
98039 ETC2-98039 Datasheet
777Kb / 2P
LED Light Engine, 9.1??Round Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com