Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5140IPG Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5140IPG
Description  8-Bit, Ultra-High-Speed DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5140IPG Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5140IPG Datasheet HTML 1Page - Maxim Integrated Products MAX5140IPG Datasheet HTML 2Page - Maxim Integrated Products MAX5140IPG Datasheet HTML 3Page - Maxim Integrated Products MAX5140IPG Datasheet HTML 4Page - Maxim Integrated Products MAX5140IPG Datasheet HTML 5Page - Maxim Integrated Products MAX5140IPG Datasheet HTML 6Page - Maxim Integrated Products MAX5140IPG Datasheet HTML 7Page - Maxim Integrated Products MAX5140IPG Datasheet HTML 8Page - Maxim Integrated Products MAX5140IPG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
8-Bit, Ultra-High-Speed DAC
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
DC ELECTRICAL CHARACTERISTICS
(VCC = ground, VEE = -5.2V ±0.3V, CC = 0pF, ISET = 1.105mA, TA = TMIN to TMAX, unless otherwise noted.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage
VEE (measured to VCC)..........................................-7.0V to 0.5V
Input Voltages
CONV, Data, and Controls (measured to VCC)........VEE to 0.5V
Ref+ (measured to VCC) ..........................................VEE to 0.5V
Ref- (measured to VCC)............................................VEE to 0.5V
Operating Temperature Ranges
Ambient .............................................................-20°C to +85°C
Junction..........................................................................+175°C
Lead Temperature (soldering, 10sec) .............................+300°C
Storage Temperature Range .............................-60°C to +150°C
CONDITIONS
V
0.4
1.2
Convert Voltage,
Differential
V
-0.5
-2.5
Convert Voltage,
Common-Mode Range
V
-1.5
VIL
Input Voltage, Logic Low
V
-1.0
VIH
Input Voltage, Logic High
LSB
0.05
0.5
IOS
Output Offset Current
mA
-45
IO-(MAX)
Maximum Current,
Negative Output
mA
45
IO+(MAX)
Maximum Current,
Positive Output
pF
9
COUT
Output Capacitance
k
Ω
20
ROUT
Equivalent Output
Resistance
V
-1.2
1.5
Compliance Voltage,
Negative Output
% Full Scale
-6.5
6.5
Gain Error
ppm/°C
100
Bandgap Tempco
pF
5
CREF
Input Capacitance,
ISET, Ref Out
V
-1.2
1.5
Compliance Voltage,
Positive Output
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
IV
IV
IV
V
VI
VI
VI
VI
VI
V
V
VI
VI
IV
TEST
LEVEL
µA
35
120
IIL
Input Current, Logic Low,
Data and Controls
VI
µA
40
120
IIH
Input Current, Logic High,
Data and Controls
VI
µA
2
60
ICONV
Input Current, Convert
VI
1.0mA < ISET < 1.3mA
% Full Scale
-0.37
0.37
ILE
Integral Linearity Error
VI
1.0mA < ISET < 1.3mA
% Full Scale
-0.2
0.2
DLE
Differential Linearity Error
VI
-0.95
0.95
-0.5
0.5
LSB
LSB
ppm/°C
150
Gain-Error Tempco
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com