Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS831742I Datasheet(PDF) 10 Page - Integrated Device Technology

Part # ICS831742I
Description  Maximum input/output clock frequency
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS831742I Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button ICS831742I Datasheet HTML 6Page - Integrated Device Technology ICS831742I Datasheet HTML 7Page - Integrated Device Technology ICS831742I Datasheet HTML 8Page - Integrated Device Technology ICS831742I Datasheet HTML 9Page - Integrated Device Technology ICS831742I Datasheet HTML 10Page - Integrated Device Technology ICS831742I Datasheet HTML 11Page - Integrated Device Technology ICS831742I Datasheet HTML 12Page - Integrated Device Technology ICS831742I Datasheet HTML 13Page - Integrated Device Technology ICS831742I Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
ICS831742I Data Sheet
4:2 DIFFERENTIAL CLOCK/DATA MULTIPLEXER
ICS831742AGI JULY 10, 2012
10
©2012 Integrated Device Technology, Inc.
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
LVCMOS Control Pins
All control pins have internal pullup or pulldown; additional resistance
is not required but can be added for additional protection. A 1k
resistor can be used.
CLK/nCLK Inputs
For applications not requiring the use of the all differential inputs, any
CLK/nCLK input can be left floating. Though not required, but for
additional protection, a 1k
 resistor can be tied from CLK to ground.
Outputs:
Differential OutputS
The unused differential output can be left floating. We recommend
that there is no trace attached. Both sides of the differential output
pair should either be left floating or terminated.
Wiring the Differential Input to Accept Single-Ended Levels
Figure 1 shows how a differential input can be wired to accept single
ended levels. The reference voltage V1 = VDD/2 is generated by the
bias resistors R1 and R2. The bypass capacitor (C1) is used to help
filter noise on the DC bias. This bias circuit should be located as close
to the input pin as possible. The ratio of R1 and R2 might need to be
adjusted to position the V1 in the center of the input voltage swing.
For example, if the input clock swing is 2.5V and VDD = 3.3V, R1 and
R2 value should be adjusted to set V1 at 1.25V. The values below are
for when both the single ended swing and VDD are at the same
voltage. This configuration requires that the sum of the output
impedance of the driver (Ro) and the series resistance (Rs) equals
the transmission line impedance. In addition, matched termination at
the input will attenuate the signal in half. This can be done in one of
two ways. First, R3 and R4 in parallel should equal the transmission
line impedance. For most 50
 applications, R3 and R4 can be 100.
The values of the resistors can be increased to reduce the loading for
slower and weaker LVCMOS driver. When using single-ended
signaling, the noise rejection benefits of differential signaling are
reduced. Even though the differential input can handle full rail
LVCMOS signaling, it is recommended that the amplitude be
reduced. The datasheet specifies a lower differential amplitude,
however this only applies to differential signals. For single-ended
applications, the swing can be larger, however VIL cannot be less
than -0.3V and VIH cannot be more than VDD + 0.3V. Though some
of the recommended components might not be used, the pads
should be placed in the layout. They can be utilized for debugging
purposes. The datasheet specifications are characterized and
guaranteed by using a differential signal.
Figure 1. Recommended Schematic for Wiring a Differential Input to Accept Single-ended Levels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com