Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESTS Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ESTS
Description  SSL Solutions Faster Than The Speed Of Light
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ESTS Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ESTS Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ESTS
Energy Saving Toggle Switch
Patent Pending
The ESTS Energy Saving Toggle Switch is
a simple, Universal Voltage (120-277V) Bi-
Level lighting control that can be installed
in a Fluorescent or LED light fixture, con-
trolling two ballasts or drivers through sim-
ple “toggling” of a standard wall switch
Features
♦ Input Voltage - Universal 120-277 Volts
♦ For use in ambient temperatures 60ºF or higher
♦ Output Load - 2.1 Amps @ 120V (250W Max)
0.9 Amps @ 277V (250W Max)
♦ Typical Switched Circuits
♦ 2,3 or 4 lamp Universal Voltage T-8 Ballasts
♦ 2,3 or 4 lamp Universal Voltage T-5 Ballasts
♦ LED Loads up to 250W
♦ Power on - Device boots up in Low Light Level
♦ Toggle Wall Switch
n - High Light Level
♦ 5 Year Warranty, 90°C Maximum Case Temperature
♦ Integrated mounting tabs allow easy retr
is
two
sheet metal screws
♦ Examples of Energy Savings:
Wiring Examples
Dimensions
Fixture
Primary Ballast
Switched ballast
Energy Savings
4 Lamp Fluorescent
2 Lamp
2 Lamp
50%
6 Lamp Fluorescent
4 Lamp
2 Lamp
33%
6 Lamp Fluorescent
2 Lamp
4 Lamp
66%
8 Lamp Fluorescent
4 lamp
4 Lamp
50%
If used with fluorescent ballasts, the ESTS is recom-
mended for switching programmed start ballasts only. It
will work with Instant Start ballasts but switching instant
start ballasts may lead to premature lamp failures. See
ballast and lamp manufacturers recommendations for
switching applications.
Thomas Research Products
SSL Solutions Faster Than The Speed Of LightTM
Thomas Research Products • 11548 Smith Dr. • Huntley, IL 60142 • T: 847-515-3057 • F: 847-515-3047 • www.trpssl.com
10-10-12


Similar Part No. - ESTS

ManufacturerPart #DatasheetDescription
logo
K.A. Schmersal GmbH & C...
ESTS321S2 SCHMERSAL-ESTS321S2 Datasheet
8Mb / 124P
Command and signalling devices
ESTS321S3 SCHMERSAL-ESTS321S3 Datasheet
8Mb / 124P
Command and signalling devices
ESTS32S1 SCHMERSAL-ESTS32S1 Datasheet
8Mb / 124P
Command and signalling devices
ESTS32S2 SCHMERSAL-ESTS32S2 Datasheet
8Mb / 124P
Command and signalling devices
More results

Similar Description - ESTS

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
EMX2C9100-23B HAMAMATSU-EMX2C9100-23B Datasheet
585Kb / 8P
Multiply faster
logo
Cooper Bussmann, Inc.
FP-A3 COOPER-FP-A3 Datasheet
239Kb / 2P
Turn the Bay Faster With Quick Access to the Right Fuse
logo
List of Unclassifed Man...
UMFT201XA-01 ETC2-UMFT201XA-01 Datasheet
1Mb / 28P
Introducing the FT-X Series of USB2.0 Full Speed Peripheral Solutions
logo
Silicon Laboratories
AN764 SILABS-AN764 Datasheet
951Kb / 6P
Faster conversion time
logo
Cirrus Logic
EP7312-90 APEX-EP7312-90 Datasheet
549Kb / 4P
Allows Faster than Real-Time Recording
logo
TE Connectivity Ltd
408-10465 TEC-408-10465 Datasheet
60Kb / 1P
Remove the four screws at the bottom of the light
logo
Cherry Semiconductor Co...
SR-4300 CHERRY-SR-4300_17 Datasheet
134Kb / 2P
ExpressCards Offer Even More Speed and Performance than the PC Card
logo
Kingston Technology Far...
SKC400S37 KINGSTON-SKC400S37 Datasheet
191Kb / 2P
15 times faster than a hard drive
logo
STCmicro Technology Co,...
STC12C5620AD STC-STC12C5620AD Datasheet
1Mb / 377P
Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
logo
EHAOAN.
EH-2525W18T EHAOAN-EH-2525W18T Datasheet
1Mb / 7P
Instant light(less than 100ns)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com