Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5158EEE Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX5158EEE
Description  Low-Power, Dual, 10-Bit, Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5158EEE Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX5158EEE Datasheet HTML 8Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 9Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 10Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 11Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 12Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 13Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 14Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 15Page - Maxim Integrated Products MAX5158EEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
AGND
VDD
OUTB
OSB
REFB
PDL
UPO
DOUT
DGND
TOP VIEW
MAX5158
MAX5159
DIP/QSOP
OUTA
OSA
CS
REFA
CL
DIN
SCLK
*
Contact factory for availability.
___________________Chip Information
TRANSISTOR COUNT: 3053
SUBSTRATE CONNECTED TO AGND
_Ordering Information (continued)
__________________Pin Configuration
________________________________________________________Package Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX5159CPE
0°C to +70°C
16 Plastic DIP
MAX5159MJE
-55°C to +125°C
16 CERDIP*
MAX5159CEE
0°C to +70°C
16 QSOP
MAX5159EEE
-40°C to +85°C
16 QSOP
MAX5159EPE
-40°C to +85°C
16 Plastic DIP
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
16 ____________________Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600
© 1997 Maxim Integrated Products
Printed USA
is a registered trademark of Maxim Integrated Products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com