Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5151AEEE Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX5151AEEE
Description  Low-Power, Dual, 13-Bit Voltage-Output DACs with Serial Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5151AEEE Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX5151AEEE Datasheet HTML 1Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 2Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 3Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 4Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 5Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 6Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 7Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5151AEEE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Low-Power, Dual, 13-Bit Voltage-Output DACs
with Serial Interface
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—MAX5150
(VDD = +5V ±10%, VREFA = VREFB = 2.048V, RL = 10kΩ, CL = 100pF, TA = TMIN to TMAX, unless otherwise noted. Typical values are
at TA= +25°C (OS_ tied to AGND for a gain of +2).)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VDD to AGND............................................................-0.3V to +6V
VDD to DGND ...........................................................-0.3V to +6V
AGND to DGND ..................................................................±0.3V
OSA, OSB to AGND........................(AGND - 4V) to (VDD + 0.3V)
REF_, OUT_ to AGND.................................-0.3V to (VDD + 0.3V)
Digital Inputs (SCLK, DIN, CS, CL, PDL)
to DGND ..............................................................-0.3V to +6V
Digital Outputs (DOUT, UPO)
to DGND ................................................-0.3V to (VDD + 0.3V)
Maximum Current into Any Pin .........................................±20mA
Continuous Power Dissipation (TA = +70°C)
Plastic DIP (derate 10.5mW/°C above +70°C) ...........842mW
QSOP (derate 8.30mW/°C above +70°C) ...................667mW
CERDIP (derate 10.00mW/°C above +70°C) ..............800mW
Operating Temperature Ranges
MAX515_ _C_ E .................................................0°C to +70°C
MAX515_ _E_ E ..............................................-40C° to +85°C
MAX515_ _MJE.............................................-55°C to +125°C
(Note 1)
Input code = 0000 hex,
VREF_ = (VDD - 1.4Vp-p) at 1kHz
Input code = 1FFF hex,
VREF_ = 0.67Vp-p at 2.5VDC
4.5V
≤ VDD ≤ 5.5V
Minimum with code 1555 hex
Normalized to 2.048V
Guaranteed monotonic
Code = 12
Normalized to 2.048V
dB
-82
Reference Feedthrough
kHz
300
Reference 3dB Bandwidth
k
Ω
14
20
RREF
Reference Input Resistance
REF
Reference Input Range
V
0
VDD - 1.4
±1
LSB
±1/2
INL
Bits
13
Resolution
Integral Nonlinearity
PSRR
VDD Power-Supply
Rejection Ratio
µV/V
20
260
ppm/°C
4
Gain-Error Tempco
LSB
±1
DNL
Differential Nonlinearity
mV
±6
Vos
Offset Error
ppm/°C
4
TCVos
Offset Tempco
mV
-0.2
±3
Gain Error
MAX5150A
MAX5150B
CONDITIONS
UNITS
MIN
TYP
MAX
SYMBOL
PARAMETER
Input code = 1FFF hex,
VREF_ = 1Vp-p at 1.25VDC, f = 25kHz
dB
75
SINAD
Signal-to-Noise plus
Distortion Ratio
CL, PDL, CS, DIN, SCLK
V
0.8
VIL
Input Low Voltage
VIN = 0V to VDD
µA
0.001
±1
IIN
Input Leakage Current
pF
8
CIN
Input Capacitance
mV
200
VHYS
Input Hysteresis
CL, PDL, CS, DIN, SCLK
V
3.0
VIH
Input High Voltage
REFERENCE INPUT
STATIC PERFORMANCE—ANALOG SECTION
MULTIPLYING-MODE PERFORMANCE
DIGITAL INPUTS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com