Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX5170BEEE Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX5170BEEE
Description  Low-Power, Serial, 14-Bit DACs with Voltage Output
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5170BEEE Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX5170BEEE Datasheet HTML 8Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 9Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 10Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 11Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 12Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 13Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 14Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 15Page - Maxim Integrated Products MAX5170BEEE Datasheet HTML 16Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Low-Power, Serial, 14-Bit DACs
with Voltage Output
______________________________________________________________________________________
13
Applications Information
Unipolar Output
Figure 6 shows the MAX5170/MAX5172 configured for
unipolar, rail-to-rail operation with a gain of +1.638V/V.
Table 2 lists the codes for unipolar output voltages. The
maximum output voltage is limited to VDD. Use the OS pin
to introduce an offset voltage as shown in Figure 7 and
described in the
Offset and Buffer Configurations section.
Bipolar Output
Figure 8 shows the MAX5170/MAX5172 configured for
bipolar output operation. The output voltage is given by
the following equation (OS = AGND):
where N represents the numeric value of the DAC’s
binary input code, VREF is the voltage of the external
reference. Table 3 shows digital codes and the corre-
sponding output voltage for Figure 8’s circuit.
VV
N
OUT
REF
=−


•
,
2
16 384
1
AGND
DGND
MAX5170
MAX5172
DAC
REF
OS
OUT
10k
10k
V-
V+
VDD
VOUT
+5V/+3V
Figure 8. Bipolar Output Circuit
Figure 7. Setting OS for Output Offset
MAX5170
MAX5172
DAC
AGND
DGND
REF
OUT
OS
VOS
+5V/+3V
VDD
Table 2. Unipolar Code Table
(Circuit of Figure 6)
MAX5170
MAX5172
DAC
REF
OUT
OS
DGND
AGND
+5V/+3V
VDD
Figure 6. Unipolar Output Circuit (Rail-to-Rail)
Table 3. Bipolar Code Table
(Circuit of Figure 8)
DAC CONTENTS
MSB
LSB
ANALOG OUTPUT
+VREF [(2 · 16383/16384) - 1]
11 1111 1111 1111
10 0000 0000 0001
+VREF [(2 · 8193/16384) - 1]
+VREF [(2 · 8192/16384) - 1]
10 0000 0000 0000
01 1111 1111 1111
+VREF [(2 · 8191/16384) - 1]
+VREF [(2 · 1/16384) - 1]
00 0000 0000 0001
00 0000 0000 0000
-VREF
ANALOG OUTPUT
+VREF (16383/16384) · 1.638
+VREF (8193/16384) · 1.638
+VREF (8192/16384) · 1.638
+VREF (8191/16384) · 1.638
+VREF (1/16384) · 1.638
0
00 0000 0000 0000
00 0000 0000 0001
01 1111 1111 1111
10 0000 0000 0000
10 0000 0000 0001
11 1111 1111 1111
DAC CONTENTS
MSB
LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com